Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK504 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 13Page - ATMEL Corporation STK504 Datasheet HTML 14Page - ATMEL Corporation STK504 Datasheet HTML 15Page - ATMEL Corporation STK504 Datasheet HTML 16Page - ATMEL Corporation STK504 Datasheet HTML 17Page - ATMEL Corporation STK504 Datasheet HTML 18Page - ATMEL Corporation STK504 Datasheet HTML 19Page - ATMEL Corporation STK504 Datasheet HTML 20Page - ATMEL Corporation STK504 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
COM3 AVR
S7
S8
S9
7C
KEY
7M
7D
LCDD
R18
COM3 6C
WRM
6M
6D
5C
8BC
5M
5D
LCDD
R17
COM3 4C
8G
4M
4D
3C
IN
3M
3D
LCDD
R16
COM3 2C
NB
2M
2D
1C
BEL
1M
1D
LCDD
R15
COM2 9F
9G
10F
10G
11F
11G
12F
12G
LCDD
R14
COM2 SG2
S5
S6
S10
7H
7N
7L
7E
LCDD
R13
COM2 6H
6N
6L
6E
5H
5N
5L
5E
LCDD
R12
COM2 4H
4N
4L
4E
3H
3N
3L
3E
LCDD
R11
COM2 2H
2N
2L
2E
1H
1N
1L
1E
LCDD
R10
COM1 9E
9C
10E
10C
11E
11C
12E
12C
LCDD
R9
COM1 SG1
S3
S4
S11
7B
7K
7J
7G
LCDD
R8
COM1 6B
6K
6J
6G
5B
5K
5J
5G
LCDD
R7
COM1 4B
4K
4J
4G
3B
3K
3J
3G
LCDD
R6
COM1 2B
2K
2J
2G
1B
1K
1J
1G
LCDD
R5
COM0 9D
OUT
10D
P
11D
COL
12D
ICE
LCDD
R4
COM0 SG0
S1
S2
S0
SU
7A
7I
7F
LCDD
R3
COM0 SA
6A
6I
6F
FR
5A
5I
5F
LCDD
R2
COM0 TH
4A
4I
4F
WE
3A
3I
3F
LCDD
R1
COM0 TU
2A
2I
2F
MO
1A
1I
1F
LCDD
R0
© Atmel Corporation 2005. All rights reserved. Atmel®, logo and combinations thereof, AVR®,
and AVR Studio® are registered trademarks, and Everywhere You Are
SM are the trademarks of
Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of
others.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com