Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F1572 Datasheet(PDF) 2 Page - Microchip Technology

Part # 12F1572
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F1572 Datasheet(HTML) 2 Page - Microchip Technology

  12F1572 Datasheet HTML 1Page - Microchip Technology 12F1572 Datasheet HTML 2Page - Microchip Technology 12F1572 Datasheet HTML 3Page - Microchip Technology 12F1572 Datasheet HTML 4Page - Microchip Technology 12F1572 Datasheet HTML 5Page - Microchip Technology 12F1572 Datasheet HTML 6Page - Microchip Technology 12F1572 Datasheet HTML 7Page - Microchip Technology 12F1572 Datasheet HTML 8Page - Microchip Technology 12F1572 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 8-bit PIC®Microcontroller Solutions
The Industry’s Broadest MCU Offering
There are over 800 8-bit PIC microcontrollers ranging from
6 to 100 pins and up to 128 KB Flash that are pin and
code compatible across the portfolio. PIC microcontrollers
with eXtreme Low Power (XLP) technology feature the
world’s lowest active and sleep power consumption with
flexible power modes and wake-up sources. The MPLAB®X
Integrated Development Environment (IDE) supports all PIC
microcontrollers with XC Compiler support and common
development boards.
Peripherals, Performance, and Price Points
for any Application
Peripheral integration is key with communication and
control peripherals like SPI, I2C™, EUSART, PWM, ADC,
DAC, op amps, as well as specialized peripherals for
USB, LCD and Ethernet. In addition, Microchip offers
Core Independent Peripherals that provide even higher
levels of flexibility and integration than have never been
possible in previous 8-bit microcontrollers. These new
Core Independent Peripherals include Configurable Logic
Cell (CLC), Complementary Output Generator (COG),
Numerically Controlled Oscillator (NCO), Zero Cross
Detect (ZCD) and Hardware CVD (Capacitive Voltage
Divider). Customers have made PIC MCUs a worldwide
standard, with over one million development systems
shipped. PIC microcontrollers are quick and easy to
design into a wide variety of applications and have a long
history of dependable product delivery.
Scalability & Migration
To provide customers a low-risk development environment,
PIC microcontrollers offer seamless migration within the
complete range of products. The 8-bit PIC microcontroller
family is pin-compatible within a given pin count as well as
code compatible between the architectures. Being able to
migrate easily between various PIC MCUs allows flexibility
to react to changing design requirements and feature
enhancements. When you choose a Microchip solution,
you maximize on the options for re-use in future product
developments and preserve you investments in hardware,
software and tools.
Strength Through Design
In an effort to meet the needs of embedded
system designers, silicon manufacturers continue
to increase functionality and performance while
decreasing the physical size and cost. This provides
a significant benefit to both the embedded system
designer and end consumer. However, as the
demand for sophisticated consumer and embedded
products continues to expand, so does the
challenge of properly designing such applications.
As semiconductor technology continues to evolve
to meet the demand for “smaller, faster and
cheaper” solutions, the challenge to provide the
key features and attributes needed for the latest
embedded design grows. Microchip is committed
to implementing technology advances that not only
increase the performance and reduce the cost of
the microcontroller, but do so without sacrificing key
features such as:
■ 5V: As an 8-bit leader, we understand and will
continue to support the need for 5V devices.
■ EEPROM: A key requirement for many embedded
designs, cost-effective implementation is critical.
■ Analog Integration: A rich Analog offering available
in a low-cost MCU is a must for many of today’s
embedded designs.
■ High Voltage Variants: Allow for connection to an
application that has high voltage rails without the
need of an external regulator.
■ EMC: Designed to minimize susceptibility to
EMI/EMC, providing the most electrically durable
solutions in the industry.
Overview
Get Ready to See a New World of 8-bit PIC®Microcontrollers
PIC microcontrollers are finding their way into new applications like solar battery chargers, advanced medical devices and
solid state lighting. Microchip provides solutions for the entire performance range of 8-bit microcontrollers, with easy-to-
use development tools, complete technical documentation, design-in and production support through a global sales and
distribution network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com