Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny1634 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATtiny1634
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny1634 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATtiny1634 Datasheet HTML 1Page - ATMEL Corporation ATtiny1634 Datasheet HTML 2Page - ATMEL Corporation ATtiny1634 Datasheet HTML 3Page - ATMEL Corporation ATtiny1634 Datasheet HTML 4Page - ATMEL Corporation ATtiny1634 Datasheet HTML 5Page - ATMEL Corporation ATtiny1634 Datasheet HTML 6Page - ATMEL Corporation ATtiny1634 Datasheet HTML 7Page - ATMEL Corporation ATtiny1634 Datasheet HTML 8Page - ATMEL Corporation ATtiny1634 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Atmel Automotive Solutions
5
Atmel Automotive Solutions
Meeting Customer Expectations
Part Number
Description
Package
QT1110
11-channel Touch Controller for Touch Buttons
TQFP32 (7 x 7mm)
mXT143E-A
143-channel Touchscreen Controller, Automotive Grade 3, I2C Interface
TQFP48 (7 x 7mm)
mXT224E-A
224-channel Touchscreen Controller, Automotive Grade 3, I2C Interface
TQFP48 (7 x 7mm)
mXT224S-A
224-channel Touch Controller, High Voltage, Automotive Grade 3, I2C Interface
TQFP64 (10 x 10mm)
mXT336S-A
336-channel Touch Controller, High Voltage, Automotive Grade 3, I2C Interface
TQFP64 (10 x 10mm)
mXT540E-A
540-channel Touchscreen Controller, Automotive Grade 2, I2C Interface
TQFP48 (7 x 7mm)
mXT768E-A
768-channel Touchscreen Controller, Automotive Grade 2, I2C Interface
TQFP48 (7 x 7mm)
mXT143E/ mXT224E Key Features
• Automotive grade 3: -40 to +85°C
• 143 and 224 channels
• Support up to 8” screens
• Additional up to 32 channels touch keys
• High SNR enabling gloved-hand operation
• Support for 10 simultaneous touches
• Detect and eliminate unintended touches
• Response time <10ms from idle
• I2C interface
• TQFP48 package
mXT224S/ mXT336S Key Features
• Automotive grade 3: -40 to +85°C
• 224 and 336 channels
• Support up to 8” screens
• Enable single layer, shieldless sensors
• High-voltage option to double the SNR ratio
• Support gloved-hand operation
• Rejection of unintended touches
• TQFP64 package
mXT540E/ mXT768E Key Features
• Automotive grade 2: -40 to +105°C
• 540 and 768 channels
• Support up to 12” screens
• Enable single layer, shieldless sensors
• Additional up to 64 channels touch keys
• High SNR enabling gloved-hand operation
• Support for 16 simultaneous touches
• Detects and eliminates unintended touches
• Response time <10ms from idle
• I2C interface
• TQFP48 package
Features
Meeting Expectations
Capacitive touch technology supports proximity detection,
touch buttons, slider, wheels and touchscreens
• On-stop shop
• Totally integrated HMI
Unlimited, unambiguous touch identification, tracking and reporting
• Multi-touch support
Smart processing with integrated 32-bit MCU and DSP engine
• Integrated gesture calculation
• Suppressing unintended touches
Embedded post-processing algorithms
• Adjacent key suppression
• Noise filtering
• Improved EMI/ESD behavior
Very fast response time <10ms
• Supports character recognition
High SNR (signal-to-noise ratio): 80:1
• Fingertip, back of finger touches supported
• Gloved finger operation
Advanced noise handling and filtering in hard- and firmware
• Single layer shieldless sensor support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com