Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5872 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5872
Description  Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5872 Datasheet(HTML) 1 Page - Seme LAB

  2N5872 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N5872
Bipolar PNP Device.
V
CEO =
80V
I
C = 7A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
7
A
h
FE
@ 4/2.5 (V
CE / IC)
20
100
-
f
t
4M
Hz
P
D
115
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar PNP Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - 2N5872

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5872 ETC-2N5872 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N5872 SAVANTIC-2N5872 Datasheet
110Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N5872 ISC-2N5872 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5872 NJSEMI-2N5872 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
2N5872 SAVANTIC-2N5872 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N5872

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N5871 SEME-LAB-SF_2N5871 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDW52A SEME-LAB-SF_BDW52A Datasheet
12Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX88 SEME-LAB-SF_BDX88 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX92 SEME-LAB-SF_BDX92 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX96 SEME-LAB-SF_BDX96 Datasheet
12Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BUW22A SEME-LAB-SF_BUW22A Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
BUW23 SEME-LAB-BUW23 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package.
2N3174 SEME-LAB-2N3174 Datasheet
12Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
2N5623 SEME-LAB-2N5623 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
2N6228 SEME-LAB-2N6228 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com