Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4895MM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4895MM
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4895MM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4895MM Datasheet HTML 4Page - National Semiconductor (TI) LM4895MM Datasheet HTML 5Page - National Semiconductor (TI) LM4895MM Datasheet HTML 6Page - National Semiconductor (TI) LM4895MM Datasheet HTML 7Page - National Semiconductor (TI) LM4895MM Datasheet HTML 8Page - National Semiconductor (TI) LM4895MM Datasheet HTML 9Page - National Semiconductor (TI) LM4895MM Datasheet HTML 10Page - National Semiconductor (TI) LM4895MM Datasheet HTML 11Page - National Semiconductor (TI) LM4895MM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Typical Performance Characteristics
Non-LD Specific Characteristics (Continued)
Power Dissipation vs
Output Power
Power Dissipation vs
Output Power
20023281
20023282
Power Dissipation vs
Output Power
Output Power vs
Load Resistance
20023283
20023284
Supply Current vs Shutdown Voltage
Shutdown Low
Supply Current vs Shutdown Voltage
Shutdown High
20023285
20023286
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com