Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5000 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5000
Description  High Voltage Switch Mode Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5000 Datasheet HTML 7Page - National Semiconductor (TI) LM5000 Datasheet HTML 8Page - National Semiconductor (TI) LM5000 Datasheet HTML 9Page - National Semiconductor (TI) LM5000 Datasheet HTML 10Page - National Semiconductor (TI) LM5000 Datasheet HTML 11Page - National Semiconductor (TI) LM5000 Datasheet HTML 12Page - National Semiconductor (TI) LM5000 Datasheet HTML 13Page - National Semiconductor (TI) LM5000 Datasheet HTML 14Page - National Semiconductor (TI) LM5000 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Operation
CONTINUOUS CONDUCTION MODE
The LM5000EP is a current-mode, PWM regulator. When
used as a boost regulator the input voltage is stepped up to
a higher output voltage. In continuous conduction mode
(when the inductor current never reaches zero at steady
state), the boost regulator operates in two cycles.
In the first cycle of operation, shown in Figure 3 (a), the
transistor is closed and the diode is reverse biased. Energy
is collected in the inductor and the load current is supplied by
C
OUT.
The second cycle is shown in Figure 3 (b). During this cycle,
the transistor is open and the diode is forward biased. The
energy stored in the inductor is transferred to the load and
output capacitor.
The ratio of these two cycles determines the output voltage.
The output voltage is defined approximately as:
where D is the duty cycle of the switch, D and D' will be
required for design calculations.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a
resistor divider connected to the output as shown in Figure 1.
The feedback pin is always at 1.259V, so the ratio of the
feedback resistors sets the output voltage.
INTRODUCTION TO COMPENSATION
20098302
FIGURE 3. Simplified Boost Converter Diagram
(a) First Cycle of Operation (b) Second Cycle Of Operation
20098305
FIGURE 4. (a) Inductor current. (b) Diode current.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com