Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWDM-RF Datasheet(PDF) 1 Page - THOR communications

Part # DWDM-RF
Description  Scalable Distribution of multiple L-Band Polarities and GPON over Single Fiber
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

DWDM-RF Datasheet(HTML) 1 Page - THOR communications

  DWDM-RF Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Scalable Distribution of multiple L-Band Polarities and GPON over Single Fiber
Active L-Band Splitter
DWDM Transmitter
27dB EDFA Amplifier
High Power 1x4 PLC
CWDM
1550
1310
1490
Common
CWDM
1550
1310
1490
Common
CWDM
1550
1310
1490
Common
CWDM
1550
1310
1490
Common
High Power 1x4 PLC
CWDM
1550
1310
1490
Common
CWDM
1550
1310
1490
Common
CWDM
1550
1310
1490
Common
CWDM
1550
1310
1490
Common
GPON OLT
4x[1:64 SFP]
GPON OLT
4x[1:64 SFP]
L3 Switch/Router
SDH/SONET Gateway
1x64 PLC Splitter
1x64 PLC Splitter
1x64 PLC Splitter
1x64 PLC Splitter
1x64 PLC Splitter
1x64 PLC Splitter
1x64 PLC Splitter
1x64 PLC Splitter
DWDM Transmitter
27dB EDFA Amplifier
Up to 256 Fiber Drops
Up to 256 Fiber Drops
GPON
ONU
4 L-BAND Rx with
CWDM Passthrough
Commercial
TV Service
Residential
Internet
Service
4 L-BAND Rx with
CWDM Passthrough
GPON
ONU
Commercial
Internet
Service
Commercial
TV Service
4 L-BAND Rx
4 L-BAND Rx
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467
Residential
TV Service
48 Output
DiSEqC
Residential
TV Service
48 Output
DiSEqC
Residential
4 Polarity
Satellite TV
With Internet
Residential
4 Polarity
Satellite TV
Commercial
4 Polarity
Satellite TV
With Internet
Commercial
4 Polarity
Satellite TV


Similar Part No. - DWDM-RF

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG2_48CH OPLINK-DWDMG2_48CH Datasheet
283Kb / 2P
Oplink?셲 200GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
More results

Similar Description - DWDM-RF

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LX350 ARTESYN-LX350 Datasheet
53Kb / 4P
Flexible single and multiple outputs
logo
California Eastern Labs
UPG2160T5K CEL-UPG2160T5K Datasheet
344Kb / 13P
L, S-BAND SINGLE CONTROL SPDT SWITCH
logo
Diotec Semiconductor
FT2000AA DIOTEC-FT2000AA Datasheet
114Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FR20AAD2 DIOTEC-FR20AAD2 Datasheet
134Kb / 2P
Superfast Silicon Rectifiers ??Single Diode / Two Polarities
logo
Omron Electronics LLC
P1TX4-SX4X-01MM OMRON-P1TX4-SX4X-01MM Datasheet
250Kb / 7P
Multiple signals over one multimode fiber
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
L-Band Fiber Optic Links
logo
Diotec Semiconductor
FT2000AA DIOTEC-FT2000AA_13 Datasheet
124Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_15 Datasheet
124Kb / 2P
Superfast Silicon Rectifiers-Single Diode / Two Polarities
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
GPON Stick (GPON SFP ONU)
logo
OPLINK Communications I...
SWFC5150P001111 OPLINK-SWFC5150P001111 Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler (980, 1310, S, C, L, and CL band)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com