Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-GPSF Datasheet(PDF) 1 Page - THOR communications

Part # F-GPSF
Description  The F-GPSF fiber link is a transmitter and receiver pair used to transmit the RF Carrier signal from a GPS antenna to a remote location up to 10 Km
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-GPSF Datasheet(HTML) 1 Page - THOR communications

  F-GPSF Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-GPSF
The F-GPSF fiber link is a transmitter
and receiver pair used to transmit the RF
Carrier signal from a GPS antenna to a
remote location up to 10 Km. There are
many advantages to converting the GPS
Carrier to an optical signal. Fiber Optic cable is much less expensive than low loss coaxial cable used
for RF signals. It is also much smaller and easier to work with. Optical signals are not affected by RF
interference, therefore this system can be used to transport a GPS signal through a noisy RF
environment. The F-GPSF can also be used to transport the signal from a single GPS antenna to a
multitude of locations throughout a building, aircraft, or ship.
Typical F-GPSF Application
Technical Specifications
Optical Characteristics
Optical Output
1 – 10 mW (by request)
Wavelength
1310 nm +/-30
RF Characteristics
Bandwidth
1000 – 1700 MHz
Amplitude Flatness
1.5 dBm typical
Input VSWR 50 Ohm
2.0:1 max
MW/ma @ 1200MHz
0.1mW/ma min
1 dB Compression
-25 dBm
Link Characteristics
Link Loss
15 dB typical
Carrier / Noise
15 dB min with input drive@ 70dB
3
rd Order Intercept
22 dBm
Physical Characteristics
Operating Temp:
-25 – 70 (°C)
Storage Temp:
-30 – 75 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
1.75x8.0x17.0 (in)
Optical Connector
FC/PC Fiber SM
RF Connector
SMA & N-Type
Up to 120 Km Singemode Fiber
GPS RF In from Antenna
GPS RF Out From Antenna
GPS Satellites
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


Similar Part No. - F-GPSF

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-GET-TR THOR-F-GET-TR Datasheet
293Kb / 2P
Gigabit 1000Base-T to SX/LX Converter
More results

Similar Description - F-GPSF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83640 NSC-DP83640_10 Datasheet
91Kb / 4P
Synchronizing a DP83640 PTP Master to a GPS Receiver
logo
Allegro MicroSystems
A8670 ALLEGRO-A8670 Datasheet
463Kb / 27P
The A8670 is a synchronous buck converter capable of delivering up to 2 A.
logo
World Produts Inc.
WPANTDP072-R1A WPI-WPANTDP072-R1A Datasheet
94Kb / 2P
The WPANTDP072-R1A antenna is a Mag-mount L1 band GPS
logo
THOR communications
F-PHONE THOR-F-PHONE Datasheet
2Mb / 2P
The F-1TEL is used for carrying a phone line over a fiber optic cable
F-RF-T THOR-F-RF-T Datasheet
514Kb / 2P
The F-RF-TX transmitter is used to transmit RF cable TV signals (45- 870MHz) over a fiber optic cable
logo
Tyco Electronics
408-4348 MACOM-408-4348 Datasheet
246Kb / 5P
Attached to the outside of the frame is a locator assembly, which contains a locator, a spring retainer, and a contact support.
logo
KODENSHI_AUK CORP.
HPI25 KODENSHI-HPI25 Datasheet
425Kb / 6P
It is a photodiode corresponding to the surface mounting
logo
PHOENIX CONTACT
2701949 PHOENIX-2701949 Datasheet
123Kb / 6P
The bus coupler is intended for use within a Modbus/TCP (UDP) network and represents the link to the Axioline F I/O system.
2702230 PHOENIX-2702230 Datasheet
99Kb / 5P
The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
2702635 PHOENIX-2702635 Datasheet
88Kb / 5P
The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com