Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-LB41 Datasheet(PDF) 1 Page - THOR communications

Part # F-LB41
Description  Four Channel Rack Mount LBand RF Over Fiber Link
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-LB41 Datasheet(HTML) 1 Page - THOR communications

  F-LB41 Datasheet HTML 1Page - THOR communications F-LB41 Datasheet HTML 2Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
F-LB41 
4 CH FIBER OPTIC L-BAND LINK 
Satellite TV over 1 Fiber 
 
Four Channel Rack Mount L­Band RF Over Fiber Link  
Single fiber transport for Satellite TV antennas with up to 4 coax feeds.  
 
TRANSPORT 4 L-BAND COAX ON 1 FIBER CABLE 
The F­LB41 platform from Thor Fiber 
combines four independent L­Band 
transmitters and receivers into a common 19 
inch rackmount enclosure with dual power 
supplies.  The power supplies can be 
ordered for AC or DC power, and function in 
hot or cold standby mode.  The optics in the 
standard model are CWDM type lasers. 
These systems can be custom ordered with special optics or connectors for various 
applications, but the most common use is for remote location of satellite TV antennas.  In the 
standard configuration, this system will support satellite TV services that have four coax 
cables coming from the antenna to the multiswitch.  Options include optical power levels and 
for supplying DC voltage over coax to power LNBs or active antennas.   
 
Product Specifications and Information Table 
Transmitter Parameters
   
Optical Power Outputs
   
Optical Wavelength 
1310nm ­ 1610nm  CWDM  Laser Rating =    2 mW 
Laser Rating =    4 mW 
Laser Rating =    6 mW 
Laser Rating =  10 mW 
Optical Power Out = 3.0 dBm 
Optical Power Out = 6.0 dBm 
Optical Power Out = 8.0 dBm 
Optical Power Out = 10. dBm 
Standard Wavelengths  
1510, 1530, 1550, 1570 nm  
RF Input Impedance 
75Ω 
Return loss 
>12 dB 
RF Frequency Response 
45 ­ 2800 MHz  
Power Consumption 
 
RF Input Power Range 
(­25) ­ (­14)  dBmV 
Power supply 
AC 110 ­ 240 VAC 
RF Connector Type 
F­Type, (Or by Request) 
DC input voltage range 
24V~48V  
CNR 
40 dB 
Power consumption 
50W±10
% 
IMD 
40 dB  
Environmental 
 
Receiver Parameters 
 
Working temperature 
­30
~60℃ 
Optical Wavelength 
Matched to Transmitter 
Relative Humidity 
≤95
%, no condensation 
Optical Power Range 
­13 dBm ­ 0 dBm 
Storage temperature 
­40
~85℃ 
RF Frequency Response   
45 ­ 2800 MHz 
Dimensions 
 
RF Connector Type 
F­Type, (Or by Request) 
Rackmount Enclosure 
482mm×268mm×44mm 
Copyright 2015      Thor Broadcast
1-800-521-8467 (Phone)
Sales@ThorFiber.com
 


Similar Part No. - F-LB41

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-LB41-DWDM THOR-F-LB41-DWDM Datasheet
602Kb / 1P
Four Channel Rack Mount LBand RF Over Fiber Link
More results

Similar Description - F-LB41

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934EWZ AVAGO-HFBR-7934EWZ Datasheet
552Kb / 18P
Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
PANDUIT CORP.
F9E10-10M3Y PANDUIT-F9E10-10M3Y Datasheet
315Kb / 2P
Opticom QuickNet Rack Mount Fiber Cassette Enclosures
FCE1U PANDUIT-FCE1U Datasheet
92Kb / 2P
Opticom짰 QuickNet Rack Mount Fiber Cassette Enclosures
logo
Adam Technologies, Inc.
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
logo
THOR communications
F-LB41-DWDM THOR-F-LB41-DWDM Datasheet
602Kb / 1P
Four Channel Rack Mount LBand RF Over Fiber Link
F-LB61 THOR-F-LB61 Datasheet
597Kb / 1P
Six Channel High Density LBand Coax Over Fiber Kit
F-LBAND THOR-F-LBAND Datasheet
525Kb / 1P
Single Channel Compact LBand RF Over Fiber Link
logo
Maxim Integrated Produc...
MAXREFDES165 MAXIM-MAXREFDES165 Datasheet
1Mb / 11P
Four-Channel IO-Link Master Quick Start Guide
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com