Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-LBAND Datasheet(PDF) 1 Page - THOR communications

Part # F-LBAND
Description  Single Channel Compact LBand RF Over Fiber Link
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-LBAND Datasheet(HTML) 1 Page - THOR communications

  F-LBAND Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
 
F-LBAND
   
1 CH FIBER OPTIC L-BAND LINK 
Single Fiber RFoG Kit 
 
Single Channel Compact L­Band RF Over Fiber Link  
Single fiber transport for radio signals up to 3.0 GHz fully customizable  
 
 
ONE CHANNEL F-LBAND SYSTEM 
The F­LBAND system from Thor Broadcast 
is a compact single channel kit for 
transporting RF signals up to 3.0 GHz over 
singlemode fiber optic cable.  They can be 
used for a variety of applications involving 
satellite TV or communications systems.  Off 
the shelf versions are available with optics of 
various power ranges in 1310 or 1550nm.  
Unless otherwise stated, a standard model will be shipped with 1310nm optics.  Any L­Band 
RF signal connected to the transmitter will be output from the receiver.  However unlike coax 
cable, these systems only transport the signal in one direction.  This makes them suitable for 
high security applications like optical fiber breaks.   
 
Product Specifications and Information Table 
Transmitter Parameters
   
Optical Input vs RF Out
   
Optical Wavelength 
1310nm, 1550nm (optional)  Optical Input =    0 dBm 
Optical Input =   ­3 dBm 
Optical Input =   ­6 dBm 
Optical Input =   ­9 dBm 
Optical Input = ­12 dBm 
RF Out = 88 dBµV 
RF Out = 82 dBµV 
RF Out = 74 dBµV 
RF Out = 68 dBµV 
RF Out = 63 dBµV 
Optical Power Output 
+​
2.0 dBm +/­ 2 dB  
RF Input Impedance 
75Ω 
Return loss 
>13dB 
RF Frequency Response 
45 ­ 3100 MHz  
Power Consumption 
 
RF Input Power Range 
55 ­ 78 dBµV 
Power supply 
DC 18V 
RF Connector Type 
F­Type, (Or by Request) 
DC input voltage range 
18V~24V  
CNR 
40 dB 
Power consumption 
3.5W±10
% 
IMD 
40 dB  
Environmental 
 
Receiver Parameters 
 
Working temperature 
­30
~60℃ 
Optical Wavelength 
1290 ­ 1610 nm  
Relative Humidity 
≤95
%, no condensation 
Optical Power Range 
­13 dBm ­ 0 dBm 
Storage temperature 
­40
~85℃ 
RF Frequency Response   
45 ­ 3100 MHz 
Dimentions 
 
RF Connector Type 
F­Type, (Or by Request) 
Desktop Enclosure 
118mm×210mm×40mm 
 
Copyright 2015      Thor Broadcast
1-800-521-8467 (Phone)
Sales@ThorFiber.com
 


Similar Part No. - F-LBAND

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-LBAND-RX THOR-F-LBAND-RX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
F-LBAND-TX THOR-F-LBAND-TX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
More results

Similar Description - F-LBAND

ManufacturerPart #DatasheetDescription
logo
NEC
PLM101-1M NEC-PLM101-1M Datasheet
180Kb / 7P
PLASTIC FIBER OPTIC LINK
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5972Z AVAGO-AFBR-5972Z Datasheet
237Kb / 7P
Compact 650nm Transceiver with Compact Versatile-Link connector for Fast Ethernet over POF
logo
Emcore Corporation
OPG-1L EMCORE-OPG-1L Datasheet
1Mb / 4P
openGear짰 OPG-1L 50 MHz ??2.3 GHz RF Fiber Optic Link
logo
Adam Technologies, Inc.
FODL-001 ADAM-TECH-FODL-001 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
logo
Level One
AVF-1200 LVL1-AVF-1200 Datasheet
766Kb / 3P
2-Channel BNC over Fiber Extender Kit
AVF-1800 LVL1-AVF-1800 Datasheet
1,000Kb / 3P
8-Channel BNC over Fiber Extender Kit, 20km
logo
THOR communications
F-LB41 THOR-F-LB41 Datasheet
603Kb / 2P
Four Channel Rack Mount LBand RF Over Fiber Link
F-LB41-DWDM THOR-F-LB41-DWDM Datasheet
602Kb / 1P
Four Channel Rack Mount LBand RF Over Fiber Link
F-LB61 THOR-F-LB61 Datasheet
597Kb / 1P
Six Channel High Density LBand Coax Over Fiber Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com