Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-OS Datasheet(PDF) 1 Page - THOR communications

Part # F-OS
Description  The F-OS optical switch is used for system redundancy and backup.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-OS Datasheet(HTML) 1 Page - THOR communications

  F-OS Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-OS
(1X1, 2X1,1X2, 2X2)
The F-OS optical switch is used for
system redundancy and backup.
With the use of an optical switch, a
redundant signal can be routed to an
active path in the event of a fault.
The F-OS optical switch features low insertion loss which is typically 0.6dB.
The unit offers three types of switching 1X1, 1x2, 2x1, or 2x2.
A front panel LCD provides system status and provides a means of programing the switch.
The F-OS can also be dynamically configured for CADM and OXC systems.
Technical Specifications
Performance
Index
Work wavelength
1260~1360nm,
1510~1610nm, 1310nm
Input power range
-30 ~ -20dBm, -10 ~ +10dBm,
+10 ~ +30dBm
Total insertion loss
2.0dB
Switch loss
<1.0dB(type,≤0.8dB)
Splitter loss
<0.5dB
Connector loss
<0.5dB
Echo loss
55 dB
Polarization dependent loss
0.1dB
Repeatability
≤± 0.02dB
Switch time
10ms
Voltage
135~250 VAC
Optical connector
FC/APC & SC/APC
Transmission power
500mW
Casing Size
19×1.75×14.2"
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


Similar Description - F-OS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56600-42 PHILIPS-SA56600-42 Datasheet
135Kb / 12P
System reset for lithium battery backup
2001 Jun 19
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
IC for System Reset (battery backup)
logo
Renesas Technology Corp
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
System Reset IC with Switch for Memory Backup
logo
Emcore Corporation
10209A EMCORE-10209A Datasheet
349Kb / 3P
Redundancy Switch
logo
THOR communications
F-PHONE THOR-F-PHONE Datasheet
2Mb / 2P
The F-1TEL is used for carrying a phone line over a fiber optic cable
logo
PHOENIX CONTACT
2701813 PHOENIX-2701813 Datasheet
144Kb / 6P
The module is designed for use within an Axioline F station. It is used to output digital signals.
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
Battery Backup System
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
BATTERY BACKUP SYSTEM
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
Auto-Configuration Backup and Restore System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com