Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QAM-IP Datasheet(PDF) 1 Page - THOR communications

Part # QAM-IP
Description  Integrated Encoder / Modulator / IP Server
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

QAM-IP Datasheet(HTML) 1 Page - THOR communications

  QAM-IP Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Integrated Encoder / Modulator / IP Server
QAM-IP Digital HDTV modulators are combination devices for
distribution of high definition program content.
The chassis
supports up to four input cards that can accept a variety of
program content.
The system integrates hardware encoders, a
broadcast multiplexer, digital HDTV modulator, and IPTV server.
Application Drawing: H-4HDMI-QAM-IP
The QAM-IP system provides a flexible platform for large scale distribution of any program source through modern cable TV
(QAM256) or ATSC free to air (8VSB) digitally modulated HDTV channels. All settings can be made through the front panel
keyboard and LCD. For remote management an integrated web server on a separate network interface allows control and
configuration over HTTP for all settings. In addition to Cable TV output, IPTV streaming video is provided through a dedicated
network port. All input programs are available through the IP output. IPTV can be used for wireless distribution to remote
displays. Encoding is provided by high level FPGA hardware systems, and can encode video to broadcast quality programs at
1080p60 resolutions and frame rates. QAM-IP was designed to simplify cable headend operations by combining encoding,
multiplexing, and modulation in one platform; however they are also ideally suited for in house distribution of content in hotels
and restaurants. Digital HDTV channels on different frequencies can be combined to create channel lineups of hundreds of HD
programs that can be distributed to thousands of displays over simple coax antenna cable. Additionally the platform supports
content ingestion via DVB-ASI input. This allows additional programming to be added to the digital channel and IP outputs as
sub programs. As many as 10 additional SD and 3 additional HD programs can be added to each channel carrier. The IPTV
output provides null packet filtering to reduce bandwidth and is an industry standard UDP MPEG-TS feed. This can be directly
connected to a local media server for RTSP and HTTP streaming to devices such as phones, tablets, DLNA enabled TVs, IP
set top boxes, or viewed on a computer running software such as VLC.
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467
Product Specifications:
Video Inputs
HDMI or HD-SDI
1-4 Independent HD
1080p/720p Resolutions
60, 59.94, and 50 fps
Embedded Audio
Encoding Parameters
1-4 Independent Encoder
MPEG-2 or H.264
HP@L4 HD High Profile
1920x1080p/1280/720p
0.4 – 20 Mbps
Latency 400-800 ms
Independent PID settings
Audio Parameters
Encoding Profiles
MPEG1 Layer 2
MPEG2-AAC
Dolby AC3 (option)
DVB-ASI
ASI Input
1 ASI MPTS Input
Modification or remapping of PIDs
ASI Pass-through or Multiplex option
ASI Output
Standard MPTS Output
ASI Input is Multiplexed with system output
RF Output
Modulation Standard
QAM, 8VSB, DVB-C, DVB-T,
RF Power Level
Adjustable Output 0 - -30 dBm
Frequency Range
30-960 MHz with 1 KHz step
MER
≥42dB
Stream output
2×ASI outputs, BNC interface
MPTS over UDP, 10/100Base-T
Ethernet interface (UDP unicast / multicast)


Similar Part No. - QAM-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QAM-TX3-433 ETC2-QAM-TX3-433 Datasheet
123Kb / 3P
AM TRANSMITTER MODULE
More results

Similar Description - QAM-IP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0001 MOTOROLA-MRFIC0001 Datasheet
105Kb / 6P
QUADRATURE MODULATOR INTEGRATED CIRCUIT
logo
NTE Electronics
NTE1249 NTE-NTE1249 Datasheet
20Kb / 2P
Integrated Circuit Balancd Modulator
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
List of Unclassifed Man...
B051-000 ETC2-B051-000 Datasheet
491Kb / 5P
Server Remote Control, External KVM over IP
7260 ETC2-7260 Datasheet
876Kb / 3P
i.LON짰 600 LONWORKS짰/IP Server
logo
TRINAMIC Motion Control...
TMCM-110-42-SE TRINAMIC-TMCM-110-42-SE Datasheet
638Kb / 23P
Integrated encoder
logo
THOR communications
DVBS2 THOR-DVBS2 Datasheet
414Kb / 2P
DVBS2 Satellite Modulator & Encoder Card System
logo
List of Unclassifed Man...
CM2002 ETC1-CM2002 Datasheet
1Mb / 10P
One-Camera IP Video Server
logo
Prosoft-Technology
MVI56E-MNETC PROSOFT-MVI56E-MNETC Datasheet
551Kb / 3P
Modbus TCP/IP Enhanced Communications Module Client/Server
MVI46-DFNT PROSOFT-MVI46-DFNT Datasheet
96Kb / 2P
EtherNet/IP Client/Server Communication Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com