Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA109AIOS Datasheet(PDF) 1 Page - ORION FANS

Part # OA109AIOS
Description  AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA109AIOS Datasheet(HTML) 1 Page - ORION FANS

  OA109AIOS Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
13
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA109 (AIOS)
AC Fan - 115V, 230V, Reverse Airflow
120x38mm (4.7”x 1.5”)
Frame
DiecastAluminum
OperatingTemperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Storage Temp
-40C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
AIOS
Air Input Over Struts
Weight: ~1.2 lbs.
Impeller
PBT, UL94V-0 plastic
Connection
2x 300mm Lead wires
(22AWG) or terminals
Motor
AC shaded pole, impedance
protected
Bearing System
Dual ball or Sleeve
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts AC Voltage Range Watts
Max. Static
Pressure (“H2O)
OA109AP-11-1 * R
3100
99
47
115
80~130
15
.33
OA109AP-11-2 * R
2750
85
45
115
80~130
13
.25
OA109AP-11-3 * R
2300
75
38
115
80~130
12
.16
OA109AP-22-1 * R
3100
99
47
230
160~260
15
.33
OA109AP-22-2 * R
2750
85
45
230
160~260
13
.25
OA109AP-22-3 * R
2300
75
38
230
160~260
12
.16
* Indicate “TB” (Terminal Ball Bearing), “WB” (12” Wire Leads, Ball Bearing), “TS” (Terminal, Sleeve Bearing), “WS” (12” Wire Leads, Sleeve Bearing)
m2
0.5
(0.02”)


Similar Part No. - OA109AIOS

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109AP ORIONFANS-OA109AP Datasheet
931Kb / 1P
120 x 38mm
OA109AP ORIONFANS-OA109AP Datasheet
5Mb / 8P
AC & EC FANS
OA109AP-11 ORIONFANS-OA109AP-11 Datasheet
928Kb / 1P
AC Fan
OA109AP-11-1 ORIONFANS-OA109AP-11-1 Datasheet
837Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
OA109AP-11-1 ORIONFANS-OA109AP-11-1 Datasheet
370Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OA109AIOS

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109 ORIONFANS-OA109 Datasheet
837Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
OA109AP-11-1R ORIONFANS-OA109AP-11-1R Datasheet
120Kb / 1P
AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
OA109XC ORIONFANS-OA109XC Datasheet
113Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715 Datasheet
119Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OD1238-60HB ORIONFANS-OD1238-60HB Datasheet
210Kb / 2P
DC Fan - 60VDC 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109_16 Datasheet
370Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109AP-TEMPCONTROL ORIONFANS-OA109AP-TEMPCONTROL Datasheet
204Kb / 1P
AC Smart Fan 120x38mm (4.7?쓝 1.5??
OA109-METAL ORIONFANS-OA109-METAL Datasheet
240Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109XC ORIONFANS-OA109XC_16 Datasheet
449Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715_16 Datasheet
390Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com