Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890MM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4890MM
Description  1 Watt Audio Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4890MM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4890MM Datasheet HTML 8Page - National Semiconductor (TI) LM4890MM Datasheet HTML 9Page - National Semiconductor (TI) LM4890MM Datasheet HTML 10Page - National Semiconductor (TI) LM4890MM Datasheet HTML 11Page - National Semiconductor (TI) LM4890MM Datasheet HTML 12Page - National Semiconductor (TI) LM4890MM Datasheet HTML 13Page - National Semiconductor (TI) LM4890MM Datasheet HTML 14Page - National Semiconductor (TI) LM4890MM Datasheet HTML 15Page - National Semiconductor (TI) LM4890MM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Typical Performance Characteristics (Continued)
PSRR Distribution V
DD =5V
217Hz, 200mvp-p,
-30, +25, and +80˚C
PSRR Distribution V
DD =3V
217Hz, 200mvp-p,
-30, +25, and +80˚C
200192B4
200192B5
Power Supply Rejection Ration vs
Bypass Capacitor Size
V
DD = 5V, Input Grounded = 10
Ω, Output Load = 8Ω
Power Supply Rejection Ration vs
Bypass Capacitor Size
V
DD = 3V, Input Grounded = 10
Ω, Output Load = 8Ω
200192A7
Top Trace = No Cap, Next Trace Down = 1µf
Next Trace Down = 2µf, Bottom Trace = 4.7µf
200192A8
Top Trace = No Cap, Next Trace Down = 1µf
Next Trace Down = 2µf, Bottom Trace = 4.7µf
LM4890 vs LM4877 Power Supply Rejection Ratio
V
DD = 5V, Input Grounded = 10
Ω
Output Load = 8
Ω, 200mV Ripple
LM4890 vs LM4877 Power Supply Rejection Ratio
V
DD = 3V, Input Grounded = 10
Ω
Output Load = 8
Ω, 200mV Ripple
20019288
LM4890 = Bottom Trace
LM4877 = Top Trace
20019289
LM4890 = Bottom Trace
LM4877 = Top Trace
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com