Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA84C643 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA84C643
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C643 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA84C643 Datasheet HTML 6Page - NXP Semiconductors PCA84C643 Datasheet HTML 7Page - NXP Semiconductors PCA84C643 Datasheet HTML 8Page - NXP Semiconductors PCA84C643 Datasheet HTML 9Page - NXP Semiconductors PCA84C643 Datasheet HTML 10Page - NXP Semiconductors PCA84C643 Datasheet HTML 11Page - NXP Semiconductors PCA84C643 Datasheet HTML 12Page - NXP Semiconductors PCA84C643 Datasheet HTML 13Page - NXP Semiconductors PCA84C643 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
1996 Nov 29
10
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
8
ANALOG CONTROL
8.1
6-bit PWM DACs
Five PWM outputs are available for analog control
purposes e.g. volume, balance, brightness, saturation, etc.
The block diagram of a typical 6-bit PWM DAC is shown in
Fig.8. Each PWM output can generate pulses of
programmable length that have a repetition frequency of
1
⁄64 × fPWM, where fPWM = 1⁄3 × fXTAL.
8.1.1
PIN SELECTION FOR PWM OUTPUTS
The PWM outputs PWM1 to PWM5, share the same pins
as the Derivative Port lines DP0.1 to DP0.5.
Setting the (relevant PWM enable) bit PWMnE to:
• Logic 1, selects the relevant PWMx output function
• Logic 0, selects the relevant DP0.x Port function.
8.1.2
POLARITY OF THE PWM OUTPUTS
The polarity of all five PWM outputs is selected by the state
of the polarity control bit P6LVL.
Setting the control bit P6LVL to:
• Logic 0, sets the PWMx outputs to the default polarity
• Logic 1, inverts all the PWMx outputs.
8.1.3
ANALOG OUTPUT VOLTAGE
A DC voltage proportional to the PWM control setting may
be obtained by connecting an integrating network to each
of the PWM outputs (see Fig.9).
The analog value is calculated as follows:
Where:
•
•
•
• PWMDL is the decimal value of the contents of the
PWM data latch.
Therefore, the analog output voltage is:
V
A
t
HIGH
t
r
--------------
V
O
×
=
t
HIGH
t
0
PWMDL
×
HIGH time of the PWM pulse
==
t
r
t
0
64
×
repetition time of the PWM pulse
==
t
0
3
f
XTAL
--------------
=
V
A
PWMDL
64
------------------------
V
O
×
=
Fig.8 Block diagram of the 6-bit PWM DAC.
handbook, full pagewidth
MCD176
DP0.x data
I/O
DP0.x/PWMx
6-BIT PWM DATA LATCH
P6LVL
PWMnE
6-BIT DAC PWM
CONTROLLER
Q
Q
polarity control bit
f PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com