Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA172SAP-SF Datasheet(PDF) 1 Page - ORION FANS

Part # OA172SAP-SF
Description  AC FAN - Salt Fog Rated 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA172SAP-SF Datasheet(HTML) 1 Page - ORION FANS

  OA172SAP-SF Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
O
OAA117722SSAAPP SSeerriieess
AC FAN - Salt Fog Rated
172x150x51mm (6.7”x 5.9”x 2.0”)
Frame
DiecastAluminum
Environmental Protection
SALT FOG RATED
Operating Temperature
-20C ~ +70C
Life Expectancy
>40,000 hours (L10, 40C )
Impeller
PBT, UL94V-O plastic
Connection
Terminals
Motor
AC Capacitor drive,
Thermally protected
Bearing System
Dual ball bearing
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1500V / 1 min
Model Number
OA172SAP-11-1TB (SF)
OA172SAP-22-1TB (SF)
Part Number
230315562
230615562
Nominal Voltage
115 VAC
230 VAC
Voltage Range
103 ~ 126 VAC
207 ~ 253 VAC
Rated Current
0.25A
0.12A
Locked Current
0.43A
0.19A
Rated Power
31 W
29 W
Rated Speed (RPM)
3400
3400
Airflow (CFM)
226
226
Noise Level (dB)
58
58
Max. Static Pressure
(” H2O) 0.79
0.79
m2


Similar Part No. - OA172SAP-SF

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172SAP-SALTFOG ORIONFANS-OA172SAP-SALTFOG Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - OA172SAP-SF

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172 ORIONFANS-OA172 Datasheet
245Kb / 1P
AC FAN - SALT FOG RATED
OA254AP ORIONFANS-OA254AP Datasheet
155Kb / 1P
AC FAN - Salt Fog Rated
OA109-SF ORIONFANS-OA109-SF Datasheet
219Kb / 1P
AC Fan - Salt Fog Rated 120x38mm (4.7?쓝 1.5??
OA172SAP-IP55 ORIONFANS-OA172SAP-IP55 Datasheet
594Kb / 1P
AC FAN - 115V , 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPL ORIONFANS-OA172SAPL_16 Datasheet
317Kb / 1P
AC Fan - 115V, 230V 172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAPL_IP55 ORIONFANS-OA172SAPL_IP55 Datasheet
114Kb / 1P
172x150x38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAPXC ORIONFANS-OA172SAPXC Datasheet
98Kb / 1P
AC Fan - 115V, 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPXC-SF ORIONFANS-OA172SAPXC-SF Datasheet
245Kb / 1P
AC FAN - Salt Fog Rated 172x150x55mm (6.7?쓝 5.9?쓝 2.2??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com