Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAGHB1.EM-RUSQ-50H3 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWKAGHB1.EM-RUSQ-50H3
Description  Indoor General Lighting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGHB1.EM-RUSQ-50H3 Datasheet(HTML) 5 Page - OSRAM GmbH

  GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 1Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 2Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 3Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 4Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 5Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 6Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 7Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 8Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-50H3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Version 1.1
GW KAGHB1.EM
2014-12-11
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux
1) page 17
Luminous Flux
1) page 17
Luminous Flux
6) page 17
Luminous Flux
6) page 17
Gruppe
Lichtstrom
1) Seite 17
Lichtstrom
1) Seite 17
Lichtstrom
6) Seite 17
Lichtstrom
6) Seite 17
T
S = 25 °C
T
S = 25 °C
T
S = 85 °C
T
S = 85 °C
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(extrapolated min.)
Φ
V [lm]
(extrapolated
max.) Φ
V [lm]
RRRU
1300
1800
1140
1580
RSRU
1400
1800
1230
1580
RTSP
1500
1940
1320
1710
RUSQ
1640
2100
1440
1850
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com