Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAGHB1.EM-RUSQ-65H3 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWKAGHB1.EM-RUSQ-65H3
Description  Indoor General Lighting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGHB1.EM-RUSQ-65H3 Datasheet(HTML) 4 Page - OSRAM GmbH

  GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 1Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 2Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 3Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 4Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 5Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 6Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 7Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 8Page - OSRAM GmbH GWKAGHB1.EM-RUSQ-65H3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2014-12-11
4
Version 1.1
GW KAGHB1.EM
Characteristics (T
S = 25 °C; IF = 500 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
2) page 17 , 3) page 17
Durchlassspannung 2) Seite 17 , 3) Seite 17
(min.)
(typ.)
(max.)
V
F
V
F
V
F
29
32
36
V
V
V
Color reproduction index 4) page 17
Farbwiedergabe Index 4) Seite 17
(typ.)
(min.)
R
a
R
a
85
80
-
-
Real thermal resistance junction / solder point
5) page 17
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 17
(typ.)
(max.)
R
th JS real
R
th JS real
1.6
2.6
K/W
K/W
"Electrical" thermal resistance junction / solder
point 5) page 17
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5) Seite 17
(with efficiency η
e = 30 %)
(typ.)
(max.)
R
th JS el
R
th JS el
1.1
1.8
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com