Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC044TM Datasheet(PDF) 1 Page - Rohm

Part # DTC044TM
Description  NPN 60mA 50V Digital Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC044TM Datasheet(HTML) 1 Page - Rohm

  DTC044TM Datasheet HTML 1Page - Rohm DTC044TM Datasheet HTML 2Page - Rohm DTC044TM Datasheet HTML 3Page - Rohm DTC044TM Datasheet HTML 4Page - Rohm DTC044TM Datasheet HTML 5Page - Rohm DTC044TM Datasheet HTML 6Page - Rohm DTC044TM Datasheet HTML 7Page - Rohm DTC044TM Datasheet HTML 8Page - Rohm DTC044TM Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DTC044T series
NPN 60mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-723
SOT-416FL
VCEO
50V
 
 
 
 
IC
60mA
R1
47kΩ
DTC044TM
DTC044TEB
 
 
(VMT3)
(EMT3F)
SOT-323FL
                     
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors, R1 = 47kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary PNP Types: DTA044T series
 
 
 
 
DTC044TUB
 
(UMT3F)
 
                     
l
lInner circuit
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC044TM
SOT-723
(VMT3)
1212
T2L
180
8
8000
11
DTC044TEB
SOT-416FL
(EMT3F)
1616
TL
180
8
3000
11
DTC044TUB
SOT-323FL
(UMT3F)
2021
TL
180
8
3000
11
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/6
20160408 - Rev.002


Similar Part No. - DTC044TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC044TM ROHM-DTC044TM Datasheet
303Kb / 3P
100mA/50V Digital transistors(with built-in resistors)
More results

Similar Description - DTC044TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA044T ROHM-DTA044T Datasheet
1Mb / 9P
PNP -60mA -50V Digital Transistor
DTC015E ROHM-DTC015E Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC043Z ROHM-DTC043Z Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC114GUA ROHM-DTC114GUA_16 Datasheet
893Kb / 7P
NPN 100mA 50V Digital Transistor
DTC123Y ROHM-DTC123Y Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistor
DTC144WUA ROHM-DTC144WUA Datasheet
1,006Kb / 8P
NPN 100mA 50V Digital Transistor
DTC143EMFHA ROHM-DTC143EMFHA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC124XUAFRA ROHM-DTC124XUAFRA Datasheet
906Kb / 8P
NPN 100mA 50V Digital Transistor
DTC124XEFRA ROHM-DTC124XEFRA Datasheet
894Kb / 8P
NPN 100mA 50V Digital Transistor
DTC124EEFRA ROHM-DTC124EEFRA Datasheet
884Kb / 8P
NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com