Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC115E Datasheet(PDF) 7 Page - Rohm

Part # DTC115E
Description  NPN 100mA 50V Digital Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115E Datasheet(HTML) 7 Page - Rohm

Back Button DTC115E Datasheet HTML 3Page - Rohm DTC115E Datasheet HTML 4Page - Rohm DTC115E Datasheet HTML 5Page - Rohm DTC115E Datasheet HTML 6Page - Rohm DTC115E Datasheet HTML 7Page - Rohm DTC115E Datasheet HTML 8Page - Rohm DTC115E Datasheet HTML 9Page - Rohm DTC115E Datasheet HTML 10Page - Rohm DTC115E Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DTC115E series
 
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
7/10
20160208 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com