Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBL-A321 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # ADBL-A321
Description  Optical Finger Navigation Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADBL-A321 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  ADBL-A321 Datasheet HTML 1Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 2Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 3Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 4Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 5Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 6Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 7Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 8Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 | 05 Sep 2016 | 11010AEN
PixArt Imaging Inc.
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
Device Pinout
Pin Name
Description
Input/Output pin
Function
1
GND
Ground
2
XY_LED
XY LED driver
connection
Must connect to LED-
(see schematics Figure 7a, 7b)
3
EVENT_INT
Event Interrupt
(active low output)
O (CMOS output)
Open when not used
Default active low signal, can be changed in
Event control register 0x1d
4
GPIO
General Purpose
Input/ Output
I (Schmitt trigger input)/ O
(CMOS output)
Pin can be used for FPD output, PWM output
or Dome/ Button click input. If configure as
input do not leave pin unconnected
5
VDDIO
Voltage supply for
Input/ Output pins
Supply 1.8 V or 2.8 V
6
IO_MOSI_A0
TWI address set or
Master Out Slave In
I (Schmitt trigger input)
SPI : MOSI (Master Out Slave In) signal
TWI Address Select, A0
Do not leave pin unconnected
7
IO_CLK
Serial clock input
I (Schmitt trigger input)
Serial clock signal
8
IO_MISO_SDA TWI serial data or
Master In Slave Out
In SPI – CMOS output. In
TWI – open drain I/O
SPI : MISO (Master Input Slave Out) signal
TWI : serial data signal
9
IO_NCS_A1
TWI address set or
Chip Select
I (Schmitt trigger input)
SPI : NCS (chip select) active low signal
TWI Address Select, A1
Do not leave pin unconnected
10 NRST
Hardware Chip Reset I (Schmitt trigger input)
Set to high when not used. Active low signal
11 GND
Ground
12 NC
No Connect
No connection
13 SHTDWN
Shutdown
(active high input)
I (Schmitt trigger input)
Set to low when not used
Active high signal
14 VDDIO
Voltage supply for I/O
Sets I/O voltage
15 IO_SELECT
SPI / TWI Select
I (Schmitt trigger input)
TWI : GND or SPI : High
16 NC
No Connect
No connection
17 NC
No Connect
No connection
18 NC
No Connect
No connection
19 NC
No Connect
No connection
20 VDD
Voltage supply
Supply 1.8 V
21 GND
Ground
22 GND
Ground
23 NC
No Connect
No connection
24 LED-
LED Cathode
Must connect to XY_LED
25 LED-
LED Cathode
Must connect to XY_LED
26 LED-
LED Cathode
Must connect to XY_LED
27 LED+
LED Anode
Provide 1.8 V supply voltage
28 GND
Ground
Note: NC pins can be tied to VDD, GND or left open/ unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com