Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  ADNS-3000_16 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Pinout of ADNS-3000 Optical Mouse Sensor
Pin
Name
Input/
Output
Description
1
MISO
O
Serial Data Output
(Master In/Slave Out)
2
LED
I
LED Illumination
3
MOTION
O
Motion Interrupt Output
(Default active low,
edge triggered)
4
NCS
I
Chip Select
(Active low input)
5
SCLK
I
Serial Clock
6
GND
I
Ground
7
VDD
I
Supply Voltage
8
MOSI
I
Serial Data Input
(Master Out/Slave In)
Figure 1. Package Outline Drawing (Top View)
Theory of Operation
The ADNS-3000 is based on Optical Navigation Technol-
ogy, which measures changes in position by optically
acquiring sequential surface images (frames) and math-
ematically determining the direction and magnitude of
movement.
The ADNS-3000 contains an Image Acquisition System
(IAS), a Digital Signal Processor (DSP), and a four wire
serial port.
The IAS acquires microscopic surface images via the lens
and illumination system. These images are processed
by the DSP to determine the direction and distance of
motion. The DSP calculates the Dx and Dy relative dis-
placement values
An external microcontroller reads and translates the Dx
and Dy information from the sensor serial port into PS2,
USB, or RF signals before sending them to the host PC.
Item
Marking
Remarks
Product Number
A3000
Date Code
XYYWWZ
X = Subcon Code
YYWW = Date Code
Z = Sensor Die Source
Lot Code
VVV
Numeric
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com