Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5712 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # ADNS-5712
Description  USB1.1 FULL SPEED SOC MOUSE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5712 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button ADNS-5712 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ADNS-5712
_____________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com
ADNS-5712-GDS-R1.2 20160902
13
7. Flexible OTP Mapping Table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
[7:0]
PWM_MODE
CPI_SEGMENT
MOVXY_SW
MOVY_INV
MOVX_INV
CPI_LEVEL_INIT[2:0]
[15:8]
KEY_TIME[1:0]
RSVD
REPORT_RATE[1:0]
RSVD[2:0]
[23:16]
RSVD[1:0]
RSVD[5:0]
[31:24]
RSVD
RSVD
RSVD[1:0]
PWM_TIME[3:0]
[39:32]
PID[15:0]
[47:40]
[55:48]
VID[15:0]
[63:56]
[71:64]
PSTR[55:0]
[79:72]
[87:80]
[95:88]
[103:96]
[111:104]
[119:112]
[127:120]
OTP_PROT
RSVD
SLP_EN
RSVD
PSTR[59:56]
[135:128]
CPI1_COLOR[3:2]
CPI2_RES[2:0]
CPI1_RES[2:0]
[143:136]
CPI1_COLOR[1:0]
CPI4_RES[2:0]
CPI3_RES[2:0]
[151:144]
RSVD[7:0]
[159:152]
CPI3_COLOR[3:0]
CPI2_COLOR[3:0]
[167:160]
FN_TYPE
RGB_LED_INIT[2:0]
CPI4_COLOR[3:0]
[175:168]
B4_SEL[2:0]
BREATH_NUM[1:0]
OPERATION_MODE[2:0]
[183:176]
FNL_CODE[7:0]
[191:184]
B5_SEL[2:0]
FNL_TYPE
FNL_CODE[11:8]
[199:192]
FNR_CODE[7:0]
[207:200]
B7_SEL[2:0]
FNR_TYPE
FNR_CODE[11:8]
[215:208]
RSVD
RSVD[1:0]
RSVD[4:0]
[223:216]
SNIPER_TYPE
ATTACK_TYPE
RSVD[5:0]
[231:224]
FNM_CODE[7:0]
[239:230]
B8_SEL[2:0]
FNM_TYPE
FNM_CODE[11:8]
[247:240]
IDLE_ENTER_TIME[3:2]
B10_SEL[2:0]
B9_SEL[2:0]
[255:248]
IDLE_ENTER_TIME[1:0]
B12_SEL[2:0]
B11_SEL[2:0]
Note: RSVD – Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com