Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LETH3A Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LETH3A
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETH3A Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LETH3A Datasheet HTML 6Page - OSRAM GmbH LETH3A Datasheet HTML 7Page - OSRAM GmbH LETH3A Datasheet HTML 8Page - OSRAM GmbH LETH3A Datasheet HTML 9Page - OSRAM GmbH LETH3A Datasheet HTML 10Page - OSRAM GmbH LETH3A Datasheet HTML 11Page - OSRAM GmbH LETH3A Datasheet HTML 12Page - OSRAM GmbH LETH3A Datasheet HTML 13Page - OSRAM GmbH LETH3A Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LE T H3A, LE B H3A
2008-07-07
10
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
LT
,
λ
dom = f (Tj); IF = 1000 mA (T, B)
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
blue, true green Duty cycle D = parameter,
T
board = 55 °C
6 chips operated simultaneously in series;
Transient Thermal resistance
Zth*(frequency,DC) for 6Chips operated
6 Chips operated;
I
F = f (T
S)
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
blue, true green Duty cycle D = parameter, T
board = 85 °C
6 chips operated simultaneously in series
-60
-1.0
-40 -20
0
20
˚C
60
40
T
j
100
OHL02582
dom
Δλ
nm
-0.5
0
0.5
1.0
1.5
2.0
true green
0
0.5
max
I
OHL03891
Duty Cycle
A
0.2
0.4
0.6
0.8
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.0
240 Hz
360 Hz
2880 Hz
T
T
Δ
= 125 ˚C
T = 70 K
j
= 55 ˚C
Board
max
I
0
0
th
Z
OHL03895
Duty Cycle
K/W
240 Hz
2880 Hz
360 Hz
*
0.1 0.2 0.3 0.4 0.5 0.6 0.7
0.5
1.0
1.5
2.0
2.5
0
0.5
max
I
OHL03892
Duty Cycle
A
0.2
0.4
0.6
0.8
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.0
T
T
Δ
= 125 ˚C
T = 40 K
j
= 85 ˚C
Board
max
I
240 Hz
360 Hz
2880 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com