Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWU1A3 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LEUWU1A3
Description  Exterior Automotive Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWU1A3 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LEUWU1A3 Datasheet HTML 7Page - OSRAM GmbH LEUWU1A3 Datasheet HTML 8Page - OSRAM GmbH LEUWU1A3 Datasheet HTML 9Page - OSRAM GmbH LEUWU1A3 Datasheet HTML 10Page - OSRAM GmbH LEUWU1A3 Datasheet HTML 11Page - OSRAM GmbH LEUWU1A3 Datasheet HTML 12Page - OSRAM GmbH LEUWU1A3 Datasheet HTML 13Page - OSRAM GmbH LEUWU1A3 Datasheet HTML 14Page - OSRAM GmbH LEUWU1A3 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Version 2.1
LE UW U1A3 01
2014-06-17
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T); 0.7 * ΦV min. of bin 8P; Rth real max.
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle
-40
-20
0
20
40
60
80
100
120
140
T B [°C ]
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
IF [mA]
Do not us e below 50 mA
LE UW U1A3 01
10-5
10-4
10-3
0,01
0,1
1
10
Pulsetime
[s]
1,2
1,4
1,6
1,8
2,0
2,2
IF [A]
TBoard = -40°C... 103°C
LEUWU1A3 01
: D= 1.0
: D= 0.5
: D= 0.2
: D= 0.1
: D= 0.05
: D= 0.02
: D= 0.01
: D= 0.005
10-5
10-4
10-3
0,01
0,1
1
10
Pulsetime
[s]
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
IF [A]
TBoard = 135°C
LEUWU1A3 01
: D= 1.0
: D= 0.5
: D= 0.2
: D= 0.1
: D= 0.05
: D= 0.02
: D= 0.01
: D= 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com