Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega48PB-MN Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATmega48PB-MN
Description  Advanced RISC architecture
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PB-MN Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATmega48PB-MN Datasheet HTML 17Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 18Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 19Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 20Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 21Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 22Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 23Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 24Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
None.
13.3.2.
Rev. B
– Power consumption in power save modes
– External capacitor on AREF pin
1.) Power consumption in power save modes
Power consumption in power save modes will be higher due to improper control of internal power
management.
Problem Fix/Workaround
None
2.) External capacitor on AREF pin
If an external capacitor is used on the analog reference pin (AREF), it should be equal to or larger than
100nF. Smaller capacitor value can make the AREF buffer unstable with large ringing which will reduce
the accuracy of the ADC.
Problem Fix/Workaround
None.
13.3.3.
Rev. C
– External capacitor on AREF pin
1.) External capacitor on AREF pin
If an external capacitor is used on the analog reference pin (AREF), it should be equal to or larger than
100nF. Smaller capacitor value can make the AREF buffer unstable with large ringing which will reduce
the accuracy of the ADC.
Problem Fix/Workaround
None.
13.3.4.
Rev. D
No known errata.
13.3.5.
Rev. D to M
Not sampled.
13.3.6.
Rev. N
No known errata.
Atmel ATmega48PB/88PB/168PB [DATASHEET]
Atmel-42176G-ATmega48PB/88PB/168PB_Datasheet_Summary-03/2016
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com