Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # SAMR21
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 11Page - ATMEL Corporation SAMR21 Datasheet HTML 12Page - ATMEL Corporation SAMR21 Datasheet HTML 13Page - ATMEL Corporation SAMR21 Datasheet HTML 14Page - ATMEL Corporation SAMR21 Datasheet HTML 15Page - ATMEL Corporation SAMR21 Datasheet HTML 16Page - ATMEL Corporation SAMR21 Datasheet HTML 17Page - ATMEL Corporation SAMR21 Datasheet HTML 18Page - ATMEL Corporation SAMR21 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ASF
15
sam/drivers/udp/udp_device.c
•
Issue #ASFP-5748: Pin enable wrong in arch_ioport_set_pin_dir .
File modified:
common/services/ioport/sam0/ioport.h
•
Issue #ASFP-5784: UC3: Bug in ABDAC driver - ABDAC_SINK function.
File modified:
avr32/drivers/abdac/abdac.c
•
Issue #ASFP-5901: Missing memory barriers in SAMx7 low power mode entry functions.
Files modified:
sam/drivers/pmc/pmc.c
sam/drivers/pmc/sleep.c
sam/drivers/supc/supc.c
•
Issue #ASFP-6102: SAMB11 - AON_SLEEP_TIMER_SINGLE_MODE.
File modified:
sam0/drivers/aon_sleep_timer/aon_sleep_timer.c
•
Issue #ASFP-6121: I2C Master - variable overflow causing wrong baud value calculations.
Modified one file:
- sam0/drivers/sercom/i2c/i2c_sam0/i2c_master.c
•
Issue #ASFP-6124: Issue in rtc_set_calibration().
File modified:
sam/drivers/rtc/rtc.c
•
Issue #ASFP-6127: SAM V/S/E - GPNVM number should be 9.
File modified:
sam/services/flash_efc/flash_efc.c
•
Issue #ASFP-6128: SAM4E - afec_configure_sequence() wrong use of SEQ2 Register.
File modified:
sam/drivers/afec/afec.c
•
Issue #ASFP-6130: __builtin_clz() issue when parameter is 0.
Files modified:
avr32/utils/compiler.h
sam/utils/compiler.h
sam0/utils/compiler.h
•
Issue #ASFP-6131: USART Stop bit configuration issue.
File modified:
sam0/drivers/sercom/usart/usart.c
•
Issue #ASFP-6133: SAM4S2B fails to run at 80 MHz due to wrong FWS.
Files modified:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com