Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890ITL Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4890ITL
Description  1 Watt Audio Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4890ITL Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4890ITL Datasheet HTML 9Page - National Semiconductor (TI) LM4890ITL Datasheet HTML 10Page - National Semiconductor (TI) LM4890ITL Datasheet HTML 11Page - National Semiconductor (TI) LM4890ITL Datasheet HTML 12Page - National Semiconductor (TI) LM4890ITL Datasheet HTML 13Page - National Semiconductor (TI) LM4890ITL Datasheet HTML 14Page - National Semiconductor (TI) LM4890ITL Datasheet HTML 15Page - National Semiconductor (TI) LM4890ITL Datasheet HTML 16Page - National Semiconductor (TI) LM4890ITL Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Typical Performance Characteristics (Continued)
Power Derating Curves (P
DMAX = 670mW)
Power Derating - 8 bump µSMD (P
DMAX = 670mW)
20019283
Ambient Temperature in Degrees C
Note: (P
DMAX = 670mW for 5V, 8
Ω)
20019284
Ambient Temperature in Degrees C
Note: (P
DMAX = 670mW for 5V, 8
Ω)
Power Derating - 9 bump µSMD (P
DMAX = 670mW)
Power Derating - 10 Pin LD Pkg (P
DMAX = 670mW)
20019285
Ambient Temperature in Degrees C
Note: (P
DMAX = 670mW for 5V, 8
Ω)
200192C8
Ambient Temperature in Degrees C
Note: (P
DMAX = 670mW for 5V, 8
Ω)
Power Output vs Supply Voltage
Power Output vs Temperature
200192A1
200192A2
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com