Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC163021 Datasheet(PDF) 2 Page - Microchip Technology

Part # AC163021
Description  8-pin DIP pin 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC163021 Datasheet(HTML) 2 Page - Microchip Technology

  AC163021 Datasheet HTML 1Page - Microchip Technology AC163021 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Worldwide Sales and Service
Americas: Atlanta 770-640-0034 • Boston 978-692-3848 • Chicago 630-285-0071 •
Dallas 972-818-7423 • Detroit 248-538-2250 • Kokomo 765-864-8360 • Los Angeles
949-263-1888 • Phoenix 480-792-7200 • San Jose 650-215-1444 • Toronto 905-673-0699 •
Asia/Pacific: Australia 61-2-9868-6733 • India 91-80-2290061 • Japan 81-45-471- 6166 •
Korea 82-2-554-7200 • Singapore 65-6334-8870 • Taiwan 886-2-2717-7175 • Taiwan-
Kaohsiung 886-7-536-4818 • China: Beijing 86-10-85282100 • Chengdu 86-28-86766200 •
Fuzhou 86-591-7503506 • Hong Kong SAR 852-2401-1200 • Qingdao 86-532-5027355 •
Shanghai 86-21-6275-5700 • Shenzhen 86-755-82901380 • Shunde 86-757-28395507 •
Europe: Austria 43-7242-2244-399 • Denmark 45-4420-9895 • France 33-1-69-53-63-20 •
Germany 49-89-627-144-0 • Italy 39-0331-742611 • Netherlands 31-416-690399 • United
Kingdom 44-118-921-5869 (As of 3/04)
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199 USA
(480) 792-7200 • FAX (480) 792-7277
The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro,
PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology
Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, MXDEV, MXLAB, PICMASTER, SEEVAL,
SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology
Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks,
ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Migratable
Memory, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo,
PowerMate, PowerTool, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel and Total Endurance are trademarks
of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology
Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies.
© 2004, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. 6/04
DS51479A
*DS51479A*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com