Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1465 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN1465
Description  Digitally Addressable Lighting Interface (DALI) Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1465 Datasheet(HTML) 2 Page - Microchip Technology

  AN1465 Datasheet HTML 1Page - Microchip Technology AN1465 Datasheet HTML 2Page - Microchip Technology AN1465 Datasheet HTML 3Page - Microchip Technology AN1465 Datasheet HTML 4Page - Microchip Technology AN1465 Datasheet HTML 5Page - Microchip Technology AN1465 Datasheet HTML 6Page - Microchip Technology AN1465 Datasheet HTML 7Page - Microchip Technology AN1465 Datasheet HTML 8Page - Microchip Technology AN1465 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AN1465
DS01465A-page 2
 2012 Microchip Technology Inc.
Electrical Specifications
The physical low level or active state for DALI has been
defined with the interface voltage of < 9.5V. The high-
level condition, or DALI idle, is an interface voltage
between 9.5V to 22.5V, most common being 16V.
Maximum system current is limited to 250 mA.
Response time of the current limiter circuit is < 10 µs.
Each component connected to the interface may
consume a maximum of 2 mA. Connectors are non-
polarized at the receiver. DALI is usually optically
isolated from the microcontroller and has a data
transfer rate of 1200 bits per second.
FIGURE 2:
DALI ELECTRICAL
SPECIFICATIONS
Connectors
There are no specific connectors dedicated for the
DALI interface. Two-wire connectors with common
screw terminals or push fit suffice (Figure 3).
FIGURE 3:
TWO-WIRE CONNECTORS
Cabling
Due to the transmission rate, there is no need for spe-
cial cables or wires. Two-wire standard electrical
cables can get the job done. 18 AWG, class 1 or 2
cables (solid or stranded) are commonly used on many
fixtures. They are often purple in color and usually
rated 600V. A maximum voltage drop of up to 2V is
allowed across the connecting wires from the interface
supply to each system component. The maximum
distance between two communicating units should be
300 meters (984 feet).
DALI CIRCUITS
There is no specification or recommendations on how
to implement the circuit design for DALI. The following
optically isolated circuit interfaces a PIC16F1947 to the
DALI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com