Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2102 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF2102
Description  SAW BANDPASS FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2102 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF2102 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2102 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2102 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2102 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Iss1 C1u,
Date 13-7-2011
Maximum Ratings
Rating
Value
Unit
Source Power
P
15
dBm
DC Voltage
VDC
0
V
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electrical Characteristics
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
--
140.0
--
MHz
Insertion Loss (@140.00MHz)
--
2.0
3.0
IL
dB
2dB Bandwidth
BW2
1.50
1.95
--
MHz
3dB Bandwidth
BW3
1.65
2.20
--
MHz
20dB Bandwidth
BW20
--
3.35
3.5
MHz
30dB Bandwidth
BW30
--
3.55
3.75
MHz
40dB Bandwidth
BW40
3.80
4.20
MHz
45dB Bandwidth
BW45
--
5.0
10
MHz
Rejection (@140.00MHz-1.75MHz)
α
25
30
dB
Rejection (@140.00MHz+1.75MHz)
α
10
15
dB
Rejection (@140.00MHz±3.50MHz)
α
35
45
dB
Rejection (@140.00MHz±8.75MHz)
α
40
47
dB
Ultimate Rejection
α
35
40
--
dB
Group Delay (@140MHz)
--
680
1000
ns
RoHS Compliant
Electrostatic Sensitive Device
Test Matching Network
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com