Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2107 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF2107
Description  SAW BANDPASS FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2107 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF2107 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2107 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2107 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2107 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Iss 1 C1u, Date 13-7-2011
Maximum Ratings
Rating
Value
Unit
Source Power
P
15
dBm
DC Voltage
VDC
0
V
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electrical Characteristics
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
Characteristic
Min.
Typ.
Max.
Unit
Center frequency
fC
140.0
MHz
Insertion attenuation @ 140.0 MHz
12.5
14.0
IL
dB
Pass bandwidth
BW1
8.5
8.9
MHz
αrel ≤ 1 dB
Passband ripple (p-p)
fC ± 3.5 MHz
Δα
0.4
1.0
dB
fC ± 7 MHz
30
35
Ultimate Rejection
fC ± 14 MHz
40
50
dB
Group delay (fC ± 3.5 MHz)
860
ns
Phase ripple (fC ± 3.5 MHz)
5.0
10
degree
Group delay ripple (fC ± 3.5 MHz)
Δ
40
70
ns
Temperature Coefficient of Frequency
TCf
-18
ppm/K
RoHS Compliant
Electrostatic Sensitive Device
Test Matching Network
L1= 64nH L2= 82nH
L3=110nH C1=36pF
(Notes: Component values may change depending on board layout.)
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com