Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2137 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF2137
Description  SAW BANDPASS FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2137 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF2137 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2137 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2137 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2137 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Iss 1 C1u,
Date 13-7-2011
Electrical Characteristics
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
Characteristic
Min.
Typ.
Max.
Unit
Center frequency
fC
—
140.0
—
MHz
Insertion attenuation @ 140.0 MHz
IL
—
7.5
8.5
dB
Pass bandwidth
αrel ≤ 1 dB
αrel ≤ 20 dB
αrel ≤ 30 dB
αrel ≤ 45 dB
BW1
BW20
BW30
BW45
1.5
—
—
—
1.57
4.68
5.22
5.67
4.7
MHz
5.25
6.4
Δα
0.3
1
Passband ripple (p-p)
dB
Group delay (@fC)
—
0.82
us
Ultimate Rejection
45
48
dB
Temperature Coefficient of Frequency
TCf
—
20
—
ppm/K
RoHS Compliant
Electrostatic Sensitive Device
Test Matching Network
L1=12nH
L2=27nH
L3=33nH
(Notes: Component values may change depending on board layout!)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com