Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2005 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF2005
Description  SAW filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2005 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF2005 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2005 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2005 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2005 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3. Performance
3-1. Maximum Ratings
Rating
Value
DC Voltage
VDC
+15 V max.
AC Voltage
VPP
10V 50Hz / 60Hz
Operation temperature
TA
-10
°C +65°C
Storage temperature
Tstg
-45
°C +85°C
RF Power Dissipation
P
0 dBm
3-2. Electrical characteristics
Item
NDF2012
NDF2005
NDF2006
NDF2021
NDF378
Unit
Center Frequency
147.0
155.0
163.0
171.0
281.0
MHz
Insertion Loss
fC-100.0MHz to fC-46.8MHz
fC- 46.8MHz to fC-38.8MHz
fC± 4.0MHz
fC+38.8MHz to 2.5×fC
50 min.
50 min.
6.5 max.
42 min.
50 min.
50 min.
6.5 max.
42 min.
50 min.
50 min.
6.5 max.
42 min.
50 min.
50 min.
6.5 max.
42 min.
50 min.
50 min.
4.5 max.
45 min.
dB
dB
dB
dB
Input / Output Impedance
210//-12.1
210//-12.3
210//-11.0
210//-10.9
150 // 0
Ω//pF
Package
QCC8C
Item
ACTF0031
ACTF9059
Unit
Center Frequency
fC
930.5
930.5
MHz
Usable Bandwidth
BW
±2.0
±2.0
MHz
Insertion Loss
IL
928.50 MHz …. 932.50 MHz
4.5 max
4.5 max
dB
Relative Attenuation
(relative to IL)
αrel
fC- 100.0MHz …. fC- 38.8 MHz
fC+ 20.0MHz …. fC+ 38.8 MHz
fC+ 38.8MHz …. fC+ 60.0 MHz
fC+ 60.0MHz …. fC+ 100.0 MHz
43 min.
24 min.
30 min.
48 min.
40 min.
23 min.
28 min.
40 min.
dB
dB
dB
dB
Passband Ripple
Δα
928.50 MHz …. 932.50 MHz
1.0 max.
1.0 max.
dB
Input / Output Impedance
50Ω // 10nH
50Ω // 10nH
Package
QCC8C
DCC6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com