Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4016 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF4016
Description  IF filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4016 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF4016 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4016 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4016 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4016 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5.Performance
5-1.Maximum Ratings (Ta=25
°C)
Item
Electrode
Rating
Note
DC Voltage
between input or output
10 V
Instantaneous DC Voltage
Between any two electrodes
3 V
1/60s
Instantaneous AC Voltage
between input or output
3 Vp-p
50/60Hz
Storage temperature range
-55 to +85
°C
Tstg
Operable temperature range
-20 to +70
°C
Topr
5-2.Electronic Characteristics
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
Characteristic
Min.
Typ.
Max.
Units
Centre Frequency
fC
--
479.50
--
MHz
Insertion attenuation
479.50 MHz
α
(Reference level for the following data)
--
22.0
24.0
dB
Pass bandwidth
αrel≤3dB
B3dB
--
15.8
--
MHz
Relative attenuation
αrel
467.50 MHz
469.50 MHz
471.50 MHz
487.50 MHz
489.50 MHz
491.50 MHz
--
--
-5
-5
--
--
-47
-13
-2.5
-4.0
-21
-47
-30
-10
--
--
-10
-30
dB
dB
dB
dB
dB
dB
Amplitude ripple (p-p)
474.50 … 484.50 MHz
Δ α
--
0.6
1.5
dB
Group delay ripple (p-p)
473.50 … 485.50 MHz
Δ
τ
(Delay Aperture=1.25MHz)
--
14
40
ns(p-p)
Temperature coefficient of frequency
TCf
--
-18
--
ppm/K
Issue : 1.1 C1
Date : March 2010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com