Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4036 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF4036
Description  SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4036 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4036 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4036 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1.Maximum Rating
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
12
V
Operable Temperature Range
TA
-40 to +125
℃
Storage Temperature Range
Tstg
-40 to +125
℃
5-2.Electronic Characteristics
Characteristics
Minimum
Typical
Maximum
Unit
Center Frequency
fC
--
460.000
--
MHz
3dB Bandwidth
BW3
--
20
--
MHz
Usable Pass Band
BW
--
±8.0
--
MHz
Insertion Loss
IL
within fC ± 8.0 MHz
--
3.2
4.5
dB
Absolute Attenuation
α
fC-200.0MHz
to
fC- 40.0MHz
fC+ 50.0MHz
to
fC+200.0MHz
40
42
45
52
--
dB
Pass Band Ripple
Δα
within fC ± 8.0 MHz
--
1.3
2.0
dB
Input and Output Impedance (Nominal)
50
Ω
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
○
C
E
A
ACT All Rights Reserved.
NOTE:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1.
2.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
3.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
4.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
5.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com