Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF8026 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF8026
Description  RF low-loss filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8026 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF8026 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8026 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1.Maximum Rating
Rating
Value
Unit
Input Power Level
Pin
10
dBm
DC Voltage
VDC
12
V
Storage Temperature Range
Tstg
-40 to +90
°C
Operating Temperature Range
TA
-40 to +90
°C
5-2.Electronic Characteristics (@25
℃)
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
(center frequency between 3dB points)
868.69
MHz
Insertion Loss
IL
868.39 …. 868.99 MHz
--
3.8
5.0
dB
3dB Pass Bandwidth
BW3
1.9
MHz
Relative Attenuation (relative to IL)
±rel
10.00 …. 700.00 MHz
700.00 …. 830.00 MHz
830.00 …. 863.00 MHz
873.00 …. 880.00 MHz
880.00 …. 1000.0 MHz
50
33
23
15
30
55
38
28
20
35
--
--
--
--
--
dB
dB
dB
dB
dB
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50© test system with VSWRd1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the
specification for prolonged temperatures above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing in subsequent years.
5.
Turnover temperature, T0, is the temperature of maximum (or turnover) frequency, f0. The nominal frequency at
any case temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
6.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
7.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
Iss 1 C1u
Date 23-6-2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com