Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LD20
Description  Low flow sensing up to 1200 ml/h (20 ml/min)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LD20 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LD20 Liquid Flow Sensor Series
www.sensirion.com
Preliminary version 0.6 – December 2016
2/6
Parameter
LD20-0600x
LD20-1300x
LD20-2600B
Unit
Response time on power-up
tbd
tbd
tbd
ms
Operating temperature
+15 … +45 (+59 … +113)
°C (°F)
Operating humidity
0…95 %, non-condensing
% RH
Maximum recommended operating pressure
3 (45)
bar (psi)
Burst pressure
10 (145)
bar (psi)
Recommended maximum use duration
7
days
Short term storage temperaturee
-10 … +60 (+14 … +140)
°C (°F)
Short term storage humiditye
0…95 %, non-condensing
% RH
Shelf lifef
3
years
Table 1: Performance of LD20 series (all data for medium H2O, at 23°C)
2 Specifications Charts
-1300 -1000
-500
0
500
1000 1300
0%
5%
10%
15%
Flow rate (ml/h H2O)
LD20-2600B Relative Accuracy with H2O
At 23°C
At 6°C/40°C
Repeatability
0.02
0.2
2
20
200
1
10
100
1000
Flow rate (ml/h H2O)
LD20-2600B Absolute Accuracy with H2O
At 23°C
At 6°C/40°C
Repeatability
Figure 1: Liquid flow sensor accuracy and repeatability across the flow range of the LD20-2600B. Relative error in %
of measured value (left) and absolute error in ml/h (right) for H2O.
e
Flow path empty. Short term storage refers to temporary conditions during e.g. transport.
f
When stored at 15°C - 35°C and 20 - 80 % r.H.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com