Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP31 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SDP31
Description  Smallest size enables portable applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP31 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SDP31 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 13Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.sensirion.com
Version 0.8 – January 2017
13/14
8. Shipping Package
SDP3x are provided in tape & reel shipment packaging. Standard packaging size is 1500 or 250 units per reel. The drawing of
the packaging tapes with sensor orientation is shown in Figure 2.
Figure 2: Sketch of packaging tape and sensor orientation. Header tape is to the right and trailer tape to the left on this sketch
9. Ordering Information
Use the part names and product numbers shown in the following table when ordering SDP3x differential pressure sensor. For
the latest product information and local distributors, visit www.sensirion.com.
Part name Description / Output
Product number
Packaging
Tape & Reel size
SDP31
I2C, 500Pa
1-101445-01
Tape & Reel (QFN Quad 2 configuration)
1500
1-101567-01
Tape & Reel (QFN Quad 2 configuration)
250
SDP32
I2C, 125Pa
1-101498-01
Tape & Reel (QFN Quad 2 configuration)
1500
1-101570-01
Tape & Reel (QFN Quad 2 configuration)
250
Revision History
Date
Author Version Changes
13.11.2015 ANB
V0.1
First Draft
22.12.2015 ANB
V0.2
Rework of all chapters
01.02.2016 ANB
V0.3
Rework after 1st review round. Preliminary release.
02.02.2016 ANB
V0.4
Minor updates
30.03.2016 ANB
V0.5
Minor updates. IRQn clarification.
04.05.2016 ANB
V0.6
SDP32 added. Minor updates
27.05.2016 ANB
V0.7
Triggered measurement timing changed. New timings for soft reset.
06.01.2017 ANB
V0.8
Added Reel size of 250 pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com