Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP800 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SDP800
Description  Excellent repeatability, no drift, no offset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP800 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SDP800 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 13Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.sensirion.com
Version 0.5 – January 2017
13/14
8. Shipping Package
SDP8xx are shipped in trays of 80pcs. The tray dimension is 355mm x 255mm x 21.5mm. By piling them up, the height per
tray can be considered as 19mm.
9. Ordering Information
Use the part names and item numbers shown in the following table when ordering SDP800 series differential pressure sensor.
For the latest product information and local distributors, visit www.sensirion.com.
Part name
Description / Output
Product number
SDP800-500Pa
Manifold mount, 500Pa, I2C Address 0x25
1-101551-01
SDP810-500Pa
Tube connection, 500Pa, I2C Address 0x25
1-101532-01
SDP800-125Pa
Manifold mount, 125Pa, I2C Address 0x25
1-101599-01
SDP810-125Pa
Tube connection, 125Pa, I2C Address 0x25
1-101597-01
Revision History
Date
Author Version Changes
01.05.2016 ANB
V0.1
First Draft
08.08.2016 ANB
V0.2
Update product IDs and added 125Pa variants
09.09.2016 ANB
V0.3
Product number added. Soft reset time and triggered
measurement time changed. Product revision updated.
06.12.2016 ANB
V0.4
Product numbers added. Minor changes.
27.01.2017 ANB
V0.5
Drawings updated. Sleep mode added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com