Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFC5400 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SFC5400
Description  Ultra-fast settling time (down to 50 ms)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFC5400 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SFC5400 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.sensirion.com
October 2016 – V12
7/12
3.5
Electrical specifications
Parameter
Conditions
Units
Analog and digital versions
Supply Voltage Range (VDD)
Typ. 15.0 – 24.0
Max. 14.0 – 26.4
VDC
Electrical Connector
Sub-D 9pin (female on device)
Analog version only
Analog Input
0 – 5 VDC / 0 – 10 VDC / 4...20 mA
VDC / mA
Minimum Input Resistance
300
k
Analog Output
0 – 5 VDC / 0 – 10 VDC / 4...20 mA
VDC / mA
Minimum Output Load Resistance
10
k
Purge / Shut Mode active (fully open / closed)
Typ. 5.0, Range 4.5 – 30
VDC
Purge / Shut Mode inactive
0 … 1
VDC
Parameter
Conditions
Typical value (within +/- 5%)
Units
Flow range equal and below 500 sccm N2
Max. Supply Current
VDD = 15 / 24 VDC
120 / 75
mA
Standby current
VDD = 15 / 24 VDC
50 / 35
mA
Flow range higher than 500 sccm N2
Max. Supply Current
VDD = 15 / 24 VDC
320 / 200
mA
Standby current
VDD = 15 / 24 VDC
50 / 35
mA
Mass flow meter SFM5400
Typical
VDD = 15 / 24 VDC
50 / 35
mA
Parameter
Hall mark
Notes
Applied values
Electromagnetic Compatibility /
Immunity in Industrial Environment:
(EN 61000-6-2)
EN 61000-4-2
Air discharge (ESD)
 8 kV (air)
 4 kV (contact)
EN 61000-4-6
High frequency electromagnetic
radiation (HF)
10 Veff
EN 61000-4-4
Fast transients (burst)
 4 kV
Table 3: Electrical characteristics
Table 4: Current consumption
Table 5: Electromagnetic compatibility
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com