Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT15 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SHT15
Description  Fully calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT15 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SHT15 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT15 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT15 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT15 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT15 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT15 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT15 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT15 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT15 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Datasheet SHT1x
www.sensirion.com
Version 5 – December 2011
10/12
Figure 19: First label on reel: XX = Sensor Type (11 for SHT11),
NN = Chip Version (04 for V4), Y = last digit of year, RRR =
number of sensors on reel divided by 10 (200 for 2000 units),
TTTTT = Traceability Code.
Figure 20: Second label on reel: For Device Type and Part
Order Number please refer to Table 12, Delivery Date (also
Date Code) is date of packaging of sensors (DD = day, MM =
month, YYYY = year), CCCC = Sensirion order number.
6.3
Shipping Package
SHT1x are shipped in 12mm tape at 100pcs, 400pcs and
2000pcs – for details see Figure 21 and Table 11. Reels
are individually labeled with barcode and human readable
labels.
Sensor Type
Packaging
Quantity
Order Number
SHT10
Tape & Reel
2000
1-100218-04
SHT11
Tape & Reel
100
1-100051-04
Tape & Reel
400
1-100098-04
Tape & Reel
2000
1-100524-04
SHT15
Tape & Reel
100
1-100085-04
Tape & Reel
400
1-100093-04
Table 11: Packaging types per sensor type.
Dimensions of packaging tape are given in Figure 21. All
tapes have a minimum of 480mm empty leader tape (first
pockets of the tape) and a minimum of 300mm empty
trailer tape (last pockets of the tape).
Figure 21: Tape configuration and unit orientation within tape,
dimensions in mm (1mm = 0.039inch). The leader tape is at the
right side of the figure while the trailer tape is to the left
(direction of unreeling).
Device Type:
1-100PPP-NN
Description:
Humidity & Temperature Sensor
SHTxx
Part Order No.
1-100PPP-NN or Customer Number
Date of Delivery: DD.MM.YYYY
Order Code:
46CCCC / 0
Lot No.:
XX0-NN-YRRRTTTTT
Quantity:
RRRR
RoHS:
Compliant
Lot No.
2.00 ± 0.05
12.00
Ø1.50 MIN
Ø1.50 MIN
1.00
R0.5 TYP
8.20
2.80
0.30 ± 0.05
R0.3 MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com