Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCPWM-19 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # RCPWM-19
Description  Routing card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

RCPWM-19 Datasheet(HTML) 1 Page - ATMEL Corporation

  RCPWM-19 Datasheet HTML 1Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
AREF0
PE0
BOARD_ID0
BOARD_ID1
BOARD_ID5
BOARD_ID4
BOARD_ID2
BOARD_ID4
BOARD_ID0
BOARD_ID3
BOARD_ID5
BOARD_ID1
PE0
AVCC1
AREF0
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PE1
PE2
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PE2
PD2
PD4
PD6
PD1
PD3
PD5
PD7
PD3
PD2
PD4
PE1
PE2
PE0
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PB0
PB1
PE1
PE2
PB2
PB3
PB4
PB5
PB6
PB7
AREF0
AVCC2
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PE1
PE0
PE2
AVCC1
AVCC2
AREF0
AREF0
VCC
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VTG
VTG
VTG
GND
GND
VTG
GND
GND
VTG
GND
GND
VTG
GND
VTG
GND
VTG
GND
VTG
GND
GND
GND
GND
GND
GND
GND
GND
VCC
GND
VCC
GND
GND
GND
GND
GND
GND
GND
VTG
GND
VCC
VTG
VTG
VTG
VTG
VTG
VTG
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
VTG
GND
GND
GND
VTG
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VTG
VTG
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
STK600 90PWM routing card
A3
11
Tuesday, May 08, 2007
A
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
STK600 90PWM routing card
A3
11
Tuesday, May 08, 2007
A
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
STK600 90PWM routing card
A3
11
Tuesday, May 08, 2007
A
PA0
PA4
PA2
PA6
PA3
PA5
PA7
PB1
PB3
PB5
PB7
PC1
PC3
PC5
PC7
PD1
PD3
PD5
PD7
PE1
PE3
PE5
PE7
PF1
PF3
PF5
PF7
PG1
PG3
PB0
PB2
PB4
PB6
PC0
PC2
PC4
PC6
PD0
PD2
PD4
PD6
PE0
PE2
PE4
PE6
PF0
PF2
PF4
PF6
PG0
PG2
PG4
RCPWM-19 Routing card
Board id: 0x19
id2: /(A+B)
id3: A xnor B
PG6
PG7
XTAL1
XTAL2
USB_ID
PJ0
PJ1
PH1
PH3
PH5
PDATA0
PDATA2
PDATA4
PDATA6
PDATA1
PDATA3
PDATA5
PDATA7
PJ2
PJ3
PJ4
PJ5
PJ6
PJ7
PH7
PK1
PK0
PK2
PK7
PK5
PK3
PK6
PK4
J3 and J4 mates up to the socket card,
while J1 and J2 goes down to the mother
board.
J1 is physical placed below J3,
and J2 below J4.
PH0
PL1
PL0
PL2
PL7
PL5
PL3
PL6
PL4
PH2
TOSC1
TOSC2
PM1
PM0
PM2
PM7
PM5
PM3
PM6
PM4
PN1
PN0
PN2
PN7
PN5
PN3
PN6
PH4
PN4
PP1
PP0
PP2
PP7
PP5
PP3
PP6
PP4
PG5
PH6
UVCON
PQ1
PQ0
PQ2
PQ7
PQ5
PQ3
PQ6
PQ4
MOSI
MISO
SCK
PCTRL0
PCTRL2
PCTRL4
PCTRL6
PCTRL1
PCTRL3
PCTRL5
PCTRL7
J3
J4
J1
J2
tdi
tdo
tms
tck
1
9
16
20
28
RESET
32pin socket
24 pin socket
Close to J3 p3 & p6
Close to J3 p26
Close to J4 p28
Close to J4 p6
Close to J4 p15
Close to J3 p3
Close to J3 p23 Close to J3 p39
Close to J3 p65
Close to J4 p35
Close to J4 p55
Close to J4 p66
Close to J4 p26
Close to J4 p56
Close to J3 p8
Close to J3 p4
Close to J3 p24
Close to J3 p12
Close to J3 p54
Close to J3 p38
Close to J3 p72
Close to J3 p50
Not used
E3
N.M
E3
N.M
C5
N.M
C5
N.M
C20
N.M
C20
N.M
C22
N.M
C22
N.M
J1
N.M
J1
N.M
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
C18
100n
C18
100n
C13
N.M
C13
N.M
E2
N.M
E2
N.M
J3
N.M
J3
N.M
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
E5
N.M
E5
N.M
C3
N.M
C3
N.M
U6
N.M
U6
N.M
I0
3
I1
1
I2
6
Y
4
E4
N.M
E4
N.M
J4
N.M
J4
N.M
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
C10
N.M
C10
N.M
L1
BLM21AG102SN1D
L1
BLM21AG102SN1D
E1
N.M
E1
N.M
C12
N.M
C12
N.M
C9
N.M
C9
N.M
C16
N.M
C16
N.M
C14
N.M
C14
N.M
C6
N.M
C6
N.M
U5
N.M
U5
N.M
I0
3
I1
1
I2
6
Y
4
C7
N.M
C7
N.M
C25
100n
C25
100n
C21
N.M
C21
N.M
U4
NC7SZ57P6X
U4
NC7SZ57P6X
I0
3
I1
1
I2
6
Y
4
C8
100n
C8
100n
C2
N.M
C2
N.M
L3
BLM21AG102SN1D
L3
BLM21AG102SN1D
C26
N.M
C26
N.M
PCB1
A0607.3.1219.A
PCB1
A0607.3.1219.A
E7
N.M
E7
N.M
C1
100n
C1
100n
C17
N.M
C17
N.M
C23
100n
C23
100n
C11
100n
C11
100n
U3
NC7SZ57P6X
U3
NC7SZ57P6X
I0
3
I1
1
I2
6
Y
4
J2
N.M
J2
N.M
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
C19
N.M
C19
N.M
C4
100n
C4
100n
E6
N.M
E6
N.M
L2
N.M
L2
N.M
C24
N.M
C24
N.M
C15
N.M
C15
N.M


Similar Part No. - RCPWM-19

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
Routing card
More results

Similar Description - RCPWM-19

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
Packet Routing Switch
logo
ATMEL Corporation
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
Routing card
STK600-RC020T-54 ATMEL-STK600-RC020T-54 Datasheet
40Kb / 1P
Routing card
STK600-RC024SAM-90 ATMEL-STK600-RC024SAM-90 Datasheet
325Kb / 1P
Routing card
STK600-RC032T-56 ATMEL-STK600-RC032T-56 Datasheet
303Kb / 1P
Routing card
ATTINY23U ATMEL-ATTINY23U Datasheet
47Kb / 1P
Routing&Socket card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
Routing Card
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
Routing card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com