Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM555CM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM555CM
Description  Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM555CM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM555CM Datasheet HTML 4Page - National Semiconductor (TI) LM555CM Datasheet HTML 5Page - National Semiconductor (TI) LM555CM Datasheet HTML 6Page - National Semiconductor (TI) LM555CM Datasheet HTML 7Page - National Semiconductor (TI) LM555CM Datasheet HTML 8Page - National Semiconductor (TI) LM555CM Datasheet HTML 9Page - National Semiconductor (TI) LM555CM Datasheet HTML 10Page - National Semiconductor (TI) LM555CM Datasheet HTML 11Page - National Semiconductor (TI) LM555CM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Applications Information (Continued)
50% DUTY CYCLE OSCILLATOR
For a 50% duty cycle, the resistors R
A and RB may be
connected as in Figure 14. The time period for the output
high is the same as previous, t
1 = 0.693 RA C. For the output
low it is t
2 =
Thus the frequency of oscillation is
Note that this circuit will not oscillate if R
B is greater than 1/2
R
A because the junction of RA and RB cannot bring pin 2
down to 1/3 V
CC and trigger the lower comparator.
ADDITIONAL INFORMATION
Adequate power supply bypassing is necessary to protect
associated circuitry. Minimum recommended is 0.1µF in par-
allel with 1µF electrolytic.
Lower comparator storage time can be as long as 10µs
when pin 2 is driven fully to ground for triggering. This limits
the monostable pulse width to 10µs minimum.
Delay time reset to output is 0.47µs typical. Minimum reset
pulse width must be 0.3µs, typical.
Pin 7 current switches within 30ns of the output (pin 3)
voltage.
00785117
VCC = 5V
Top Trace: Input 3V/Div.
TIME = 20µs/DIV.
Middle Trace: Output 5V/Div.
R1 = 47kΩ
Bottom Trace: Capacitor Voltage 1V/Div.
R2 = 100kΩ
RE = 2.7 kΩ
C = 0.01 µF
FIGURE 13. Linear Ramp
00785118
FIGURE 14. 50% Duty Cycle Oscillator
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com