Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC972 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC972
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC972 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC972 Datasheet HTML 1Page - Motorola, Inc MPC972 Datasheet HTML 2Page - Motorola, Inc MPC972 Datasheet HTML 3Page - Motorola, Inc MPC972 Datasheet HTML 4Page - Motorola, Inc MPC972 Datasheet HTML 5Page - Motorola, Inc MPC972 Datasheet HTML 6Page - Motorola, Inc MPC972 Datasheet HTML 7Page - Motorola, Inc MPC972 Datasheet HTML 8Page - Motorola, Inc MPC972 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MPC972 MPC973
TIMING SOLUTIONS
BR1333 — Rev 6
5
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not
implied.
DC CHARACTERISTICS (Note 4.; TA = 10° to 70°C; VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
3.6
V
VIL
Input LOW Voltage
0.8
V
VPP
Peak–to–Peak Input Voltage
PECL_CLK
300
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC–2.0
VCC–0.6
Note 1.
VOH
Output HIGH Voltage
2.4
V
IOH = –20mA (Note 2.)
VOL
Output LOW Voltage
0.5
V
IOL = 20mA (Note 2.)
IIN
Input Current
±120
µA
Note 3.
ICC
Maximum Quiescent Supply Current
190
215
mA
All VCC PIns
ICCA
Analog VCC Current
15
20
mA
CIN
Input Capacitance
4
pF
Cpd
Power Dissipation Capacitance
25
pF
Per Output
1. VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when the “High” input is within
the VCMR range and the input lies within the VPP specification.
2. The MPC972/973 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2)transmissionlinesontheincidentedge(seeApplications
Info section).
3. Inputs have pull–up/pull–down resistors which affect input current.
4. Special thermal handling may be required in some configurations.
PLL INPUT REFERENCE CHARACTERISTICS (TA = 10° to 70°C)
Symbol
Characteristic
Min
Max
Unit
Condition
tr, tf
TCLK Input Rise/Falls
3.0
ns
fref
Reference Input Frequency
Note 5.
100, Note 5.
MHz
Note 5.
frefDC
Reference Input Duty Cycle
25
75
%
txtal
Crystal Oscillator Frequency
10
25
MHz
Note 6.
5. Maximum input reference frequency is limited by the VCO lock range and the feedback divider or 100MHz, minimum input reference frequency
is limited by the VCO lock range and the feedback divider.
6. See Applications Info section for more crystal information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com