Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM56 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM56
Description  Dual Output Low Power Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM56 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM56 Datasheet HTML 4Page - National Semiconductor (TI) LM56 Datasheet HTML 5Page - National Semiconductor (TI) LM56 Datasheet HTML 6Page - National Semiconductor (TI) LM56 Datasheet HTML 7Page - National Semiconductor (TI) LM56 Datasheet HTML 8Page - National Semiconductor (TI) LM56 Datasheet HTML 9Page - National Semiconductor (TI) LM56 Datasheet HTML 10Page - National Semiconductor (TI) LM56 Datasheet HTML 11Page - National Semiconductor (TI) LM56 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Hints
2.0
LM56 TRIP POINT ACCURACY SPECIFICATION
For simplicity the following is an analysis of the trip point ac-
curacy using the single output configuration show in
Figure 2
with a set point of 82˚C.
Trip Point Error Voltage = V
TPE,
Comparator Offset Error for V
T1E
Temperature Sensor Error = V
TSE
Reference Output Error = V
RE
1. V
TPE = ±VT1E −VTSE +VRE
Where:
2. V
T1E = ±8 mV (max)
3. V
TSE = (6.20 mV/˚C) x (±3˚C) = ±18.6 mV
4. V
RE = 1.250V x (±0.01) R2/(R1 + R2)
Using Equations from page 1 of the datasheet.
V
T1=1.25VxR2/(R1+R2)=(6.20 mV/˚C)(82˚C)
+395 mV
Solving for R2/(R1 + R2) = 0.7227
then,
5. V
RE
= 1.250V x (±0.01) R2/(R1 + R2) = (0.0125) x
(0.7227) = ±9.03 mV
The individual errors do not add algebraically because, the
odds of all the errors being at their extremes are rare. This is
proven by the fact the specification for the trip point accuracy
stated in the Electrical Characteristic for the temperature
range of −40˚C to +125˚C, for example, is specified at ±3˚C
for the LM56BIM. Note this trip point error specification does
not include any error introduced by the tolerance of the ac-
tual resistors used, nor any error introduced by power supply
variation.
If the resistors have a ±0.5% tolerance, an additional error of
±0.4˚C will be introduced. This error will increase to ±0.8˚C
when both external resistors have a ±1% tolerance.
3.0
BIAS CURRENT EFFECT ON
TRIP POINT ACCURACY
Bias current for the comparator inputs is 300 nA (max) each,
over the specified temperature range and will not introduce
considerable error if the sum of the resistor values are kept
to about 27 k
Ω as shown in the typical application of Figure
1 . This bias current of one comparator input will not flow if
the temperature is well below the trip point level. As the tem-
perature approaches trip point level the bias current will start
to flow into the resistor network. When the temperature sen-
sor output is equal to the trip point level the bias current will
be 150 nA (max). Once the temperature is well above the trip
point level the bias current will be 300 nA (max). Therefore,
the first trip point will be affected by 150 nA of bias current.
The leakage current is very small when the comparator input
transistor of the different pair is off (see
Figure 3).
The effect of the bias current on the first trip point can be de-
fined by the following equations:
where I
B = 300 nA (the maximum specified error).
The effect of the bias current on the second trip point can be
defined by the following equations:
where I
B = 300 nA (the maximum specified error).
The closer the two trip points are to each other the more sig-
nificant the error is. Worst case would be when V
T1 =VT2 =
V
REF/2.
DS012893-17
FIGURE 2. Single Output Configuration
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com