Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC18S50 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 3Page - NXP Semiconductors LPC18S50 Datasheet HTML 4Page - NXP Semiconductors LPC18S50 Datasheet HTML 5Page - NXP Semiconductors LPC18S50 Datasheet HTML 6Page - NXP Semiconductors LPC18S50 Datasheet HTML 7Page - NXP Semiconductors LPC18S50 Datasheet HTML 8Page - NXP Semiconductors LPC18S50 Datasheet HTML 9Page - NXP Semiconductors LPC18S50 Datasheet HTML 10Page - NXP Semiconductors LPC18S50 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
7 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
6.2 Pin description
On the LPC18S50/S30/S10, digital pins are grouped into 16 ports, named P0 to P9 and
PA to PF, with up to 20 pins used per port. Each digital pin can support up to eight different
digital functions, including General-Purpose I/O (GPIO), selectable through the System
Configuration Unit (SCU) registers. The pin name is not indicative of the GPIO port
assigned to it.
Not all functions listed in Table 3 are available on all packages. See Table 2 for availability
of USB0, USB1, Ethernet, and LCD functions.
The parts contain two 10-bit ADCs (ADC0 and ADC1). The input channels of ADC0 and
ADC1 on dedicated pins and multiplexed pins are combined in such a way that all channel
0 inputs (named ADC0_0 and ADC1_0) are tied together and connected to both, channel
0 on ADC0 and channel 0 on ADC1, channel 1 inputs (named ADC0_1 and ADC1_1) are
tied together and connected to channel 1 on ADC0 and ADC1, and so forth. There are
eight ADC channels total for the two ADCs.
Fig 5.
Pin configuration LQFP144 package
LPC18S30/10FBD144
72
37
109
144
aaa-014018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com