Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDSLC5V0LB Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ESDSLC5V0LB
Description  Low clamping voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDSLC5V0LB Datasheet(HTML) 2 Page - Micro Commercial Components

  ESDSLC5V0LB Datasheet HTML 1Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 2Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 3Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.mccsemi.com
Revision: A
2016/01/08
2 of 4
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse stand off voltage
VRWM
5.0
V
Reverse leakage current
IR
VRWM=5.0V
0.5
μA
Breakdown voltage
V(BR)
IT=1mA
6.0
8.0
9.0
V
Clamping voltage
VC
IPP=1A
12
V
0.35
Junction capacitance
CJ
VR=0V,f=1MHz
0.26
pF
Micro Commercial Components
M C C
TM
ESDSLC
5V0LB
Clamping voltage
VC
IPP=4A
20
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com