Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5715 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5715
Description  ADVANCED 2-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5715 Datasheet(HTML) 4 Page - STMicroelectronics

  STV5715 Datasheet HTML 1Page - STMicroelectronics STV5715 Datasheet HTML 2Page - STMicroelectronics STV5715 Datasheet HTML 3Page - STMicroelectronics STV5715 Datasheet HTML 4Page - STMicroelectronics STV5715 Datasheet HTML 5Page - STMicroelectronics STV5715 Datasheet HTML 6Page - STMicroelectronics STV5715 Datasheet HTML 7Page - STMicroelectronics STV5715 Datasheet HTML 8Page - STMicroelectronics STV5715 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (Tamb =25
oC unless otherwise specified) (continued)
Play-back Mode
VCC = 5V, no load on Pins CHROMA,LUMA
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
CHROMA OUTPUT (no AGC) (continued)
VDCPB1
DC Level at Play-back Output
on Pin CHROMA
1.5
1.9
2.3
V
∆VDC
Head Switch Offset Pin CHROMA
-100
0
100
mV
SHPB1
Second Harmonic Play-back Output
Pin CHROMA
Sinewave 3.8MHz
400
µVPP on input
-45
-40
dB
LUMA OUTPUT (with AGC)
ZLPB
Output Impedance
DC
30
50
Ω
VDCPB2
DC Level
1.1
1.5
2.1
V
FLCPB2
FHCPB2
Bandwidth Cut-off Frequency
-3dB attenuation 50
Ω in parallel on the
input, AGC locked, 0dB at 3.8MHz
Low
High
10
12.5
0.1
MHz
MHz
VLPB
Output Amplitude
Input signal 200
µVPP at 3.8MHz on Pins
H1, H2
140
200
270
mVPP
∆VLPB
AGC Control Sensitivity
Input signal 200
µVPP at +6dB or -5dB on
Pins H1, H2
-2
+1
dB
SHPB2
Second Harmonic Play-back Output
Input Signal 3.8MHz 400
µVPP on Pins
H1, H2
-44
-39
dB
CAGC
I+
Positive Output Current
Input Signal 3.8MHz 200
µVPP on H1
15
30
50
µA
I-
Negative Output Current
Input Signal 3.8MHz 200
µVPP on H1
-50
-30
-15
µA
TRIV
ITRIV
Downloading Current
200
300
400
µA
VTRIV1
Output Level (1)
With no signal, VTRIVADJ = 2.5V
Mode LP (SW-M = high)
0.3
0.6
1.5
V
VTRIV2
Output Level (2)
VCHROMA = 100mVPP at 4MHz
VTRIVADJ = 2.5V, Mode LP (SW-M = high)
1.91
2.31
2.91
V
VTRIV3
Output Level (3)
VCHROMA = 400mVPP at 4MHz
VTRIVADJ = 2.5V, Mode LP (SW-M = high)
3.525 3.725 3.985
V
VTRIV4
Output Level (4)
VCHROMA = 100mVPP at 4MHz
VTRIVADJ = 1V, Mode LP (SW-M = high)
1.110 1.610 2.311
V
VTRIV5
Output Level (5)
VCHROMA = 100mVPP at 4MHz
VTRIVADJ = 4V, Mode LP (SW-M = high)
2.875 3.075 3.335
V
VTRIV6
Output Level (6)
VCHROMA = 400mVPP at 4MHz
VTRIVADJ = 2.5V, Mode SP (SW-M = low)
3.215 3.415 3.675
V
VTRIV7
Output Level (7)
VCHROMA = 100mVPP at 4MHz
VTRIVADJ = 2.5V, Mode SP (SW-M = low)
1.65
2.05
2.65
V
fTRIV1
Response Lower Frequency
VCHROMA = 400mVPP at 4MHz and 1MHz
VTRIVADJ = 2.5V, Mode LP (SW-M = high)
-10
-6
-3
dB
fTRIV2
Response Higher Frequency
VCHROMA = 400mVPP at 8MHz and 4MHz
VTRIVADJ = 2.5V, Mode LP (SW-M = high)
-2.5
-1
-0
dB
GTRIV
High Level Input
LP : VCHROMA = 100mVPP, 300mVPP at
4MHz, VTRIVADJ = 2.5V
4
5.5
7
V/V
STV5715
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com