Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC229AFP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC229AFP
Description  Silicon Bidirectional Triode Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC229AFP Datasheet(HTML) 2 Page - Motorola, Inc

  MAC229AFP Datasheet HTML 1Page - Motorola, Inc MAC229AFP Datasheet HTML 2Page - Motorola, Inc MAC229AFP Datasheet HTML 3Page - Motorola, Inc MAC229AFP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC229FP Series MAC229AFP Series
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.2
°C/W
Thermal Resistance, Case to Sink
R
θCS
2.2 (typ)
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current(1)
(VD = Rated VDRM, Open Gate)
TJ = 25°C
TJ = 110°C
IDRM
10
2
µA
mA
Peak On-State Voltage
(ITM = 11 A Peak, Pulse Width p 2 ms, Duty Cycle p 2%)
VTM
1.8
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 V, RL = 100 Ω)
MT2(+), G(+); MT2(+), G(–); MT2(–), G(–)
MT2(–), G(+) “A” Suffix Only
IGT
5
10
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 V, RL = 100 Ω)
MT2(+), G(+); MT2(+), G(–); MT2(–), G(–)
MT2(–), G(+) “A” Suffix Only
(VD = Rated VDRM, TC = 110°C, RL = 10 k)
MT2(+), G(+); MT2(+), G(–); MT2(–), G(–)
MT2(–), G(+) “A” Suffix Only
VGT
0.2
0.2
2
2.5
Volts
Holding Current
(VD = 12 Vdc, ITM = 200 mA, Gate Open)
IH
15
mA
Gate-Controlled Turn-On Time
(VD = Rated VDRM, ITM = 16 A Peak, IG = 30 mA)
tgt
1.5
µs
Critical Rate of Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Waveform, TC = 110°C)
dv/dt
25
V/
µs
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 11.3 A,
Commutating di/dt = 4.1 A/ms, Gate Unenergized, TC = 80°C)
dv/dt(c)
5
V/
µs
1. Ratings apply for open gate conditions. Devices shall not be tested with a constant current source for blocking voltage such that the voltage
applied exceeds the rated blocking voltage.
2.0
110
104
92
0
1.0
80
5.0
86
dc
IT(RMS), RMS ON-STATE CURRENT (AMP)
98
α
α = 30°
90
°
60
°
α
α = CONDUCTION ANGLE
120
°
120
°
180
°
120
°
3.0
4.0
6.0
7.0
8.0
2.0
0
1.0
5.0
3.0
4.0
6.0
7.0
8.0
10
8.0
6.0
4.0
2.0
0
α = CONDUCTION ANGLE
α
α
TJ ≈ 110°C
dc
α = 180°
90
°
60
°
120
°
30
°
IT(RMS), RMS ON-STATE CURRENT (AMP)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com